전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC4371 데이터시트(PDF) 5 Page - Linear Technology

부품명 LTC4371
상세설명  Dual Negative Voltage Ideal Diode-OR Controller and Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC4371 데이터시트(HTML) 5 Page - Linear Technology

  LTC4371 Datasheet HTML 1Page - Linear Technology LTC4371 Datasheet HTML 2Page - Linear Technology LTC4371 Datasheet HTML 3Page - Linear Technology LTC4371 Datasheet HTML 4Page - Linear Technology LTC4371 Datasheet HTML 5Page - Linear Technology LTC4371 Datasheet HTML 6Page - Linear Technology LTC4371 Datasheet HTML 7Page - Linear Technology LTC4371 Datasheet HTML 8Page - Linear Technology LTC4371 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC4371
5
4371f
For more information www.linear.com/LTC4371
pin FuncTions
DA, DB (Pins 1 and 10): Drain Voltage Kelvin Sense In-
puts. DA and DB connect to the drains of the N-channel
MOSFETs. The voltage sensed by SA – DA and SB – DB
is used to control the gate drive and hence the ∆VSD drop
across the MOSFETs, and it is also used for fault detection.
For accurate Kelvin sensing of ∆VSD, connect these pins
as closely as possible to the MOSFET drains. An external
resistor protects the DA and DB pins from transients ex-
ceeding 100V. If the LTC4371 is used in a single channel
application,DAandDBmaybejoinedtogetherandoperated
in parallel; otherwise connect the unused drain pin to VSS.
Exposed Pad (Pin 11 – DD Package Only): Exposed pad
may be left open or connected to VSS.
FAULTB (Pin 7): Fault Output. Open drain output that pulls
low to indicate that one or both of the external MOSFETs
have failed open. FAULTB can sink up to 5mA to drive an
opto isolator or LED. The maximum allowable pull-up
voltage is 17V. Connect to VSS if unused.
GA, GB (Pins 2 and 9): Gate Drive Outputs. GA and GB
operate between VSS and VDD to control their associated
MOSFET gates and emulate the behavior of a diode. For
∆VSD >15mV, the gate pin drives the MOSFET on, while
∆VSD <15mV produces the opposite effect. With a large
positive ∆VSD, the gate pin pulls up with a strong 5mA
source, while large negative ∆VSD activates a 2A pull-
down with a maximum propagation delay of 220ns. If the
LTC4371 is used in a single channel application, the gate
pins may be joined together and operated in parallel to
realizeatwo-foldincreaseingatedrivestrength;otherwise
the unused gate pin may be left open.
SA, SB (Pins 3 and 8): Source Voltage Kelvin Sense In-
puts. SA and SB connect to the sources of the N-channel
MOSFETs. The voltage sensed by SA – DA and SB – DB
is used to control the gate drive and hence the ∆VSD drop
across the MOSFETs, and it is also used for fault detection.
For accurate Kelvin sensing of ∆VSD,connectthesepinsas
close as possible to the MOSFET sources. If the LTC4371
is used in a single channel application, SA and SB may be
joinedtogetherandoperatedinparallel;otherwiseconnect
the unused source pin to VSS.
VDD (Pin 5): Positive Supply Voltage Input. Supply VDD
directly from 4.5V to 16V, or in shunt regulated applica-
tions connect directly or through a buffer transistor biased
by VZ. When connected directly to VZ, bypass VDD with
2.2μFtoVSS.MaximumgatedrivevoltageislimitedtoVDD.
VSS (Pin 6): Device Substrate and Negative Supply Volt-
age. VSS connects to VOUT at the joined sources of the
N-channel MOSFETs.
VZ (Pin 4): Shunt Regulator Supply Input. This pin serves
as a shunt regulator for the VDD pin or as a regulator refer-
ence, and operates with a bias of 50μA to 10mA. Bypass
with at least 100nF when used as a reference, and 2.2μF
when connected to the VDD pin. If unused, connect VZ to
VSS. See “Strong Gate Pull-Up” in the Applications Infor-
mation for details on the relationship between the VZ pin
voltage and gate pin drive strength.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com