| 전자부품 데이터시트 검색엔진 |
|
L6911D 데이터시트(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L6911D 데이터시트(HTML) 11 Page - STMicroelectronics |
|
11 / 17 page ![]() 11/17 L6911D Figure 6. Output transient response without (a) and with (b) the droop function As shown in figure 6, the ESR drop is present in any case, but using the droop function the total deviation of the output voltage is minimized. In practice the droop function introduces a static error (Vdroop in figure 6) propor- tional to the output current. Since a sense resistor is not present, the output DC current is measured by using the intrinsic resistance of the inductance (a few m Ω). So the low-pass filtered inductor voltage (that is the induc- tor current) is added to the feedback signal, implementing the droop function in a simple way. Referring to the schematic in figure 7, the static characteristic of the closed loop system is: Where VPROG is the output voltage of the digital to analog converter (i.e. the set point) and RL is the inductance resistance. The second term of the equation allows a positive offset at zero load ( ∆V+); the third term introduces the droop effect ( ∆VDROOP). Note that the droop effect is equal the ESR drop if: Figure 7. Compensation network Considering the previous relationships R2, R3, R8 and R9 may be determined in order to obtain the desired droop effect as follow: s Choose a value for R2 in the range of hundreds of K Ω to obtain realistic values for the other components. VMAX VMIN VNOM (a) (b) ESR DROP ESR DROP VDROOP V OUT V PRO G V PRO G R3 R 8 // R9 + R2 ------------------------------------- R L R8 // R9 ⋅ R8 ----------------------------------- I OUT ⋅ – ⋅ + = R L R8 // R9 ⋅ R8 ----------------------------------- ESR = C1 8 C2 0 R 4 R3 R9 L2 ES R C6 - 1 5 R8 R2 PW M C2 5 V IN V PR O G R L Z F Z I V OU T V PH ASE V CO M P |