전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EV1HMC8410LP2F 데이터시트(PDF) 3 Page - Analog Devices

부품명 EV1HMC8410LP2F
상세설명  Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

EV1HMC8410LP2F 데이터시트(HTML) 3 Page - Analog Devices

  EV1HMC8410LP2F Datasheet HTML 1Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 2Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 3Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 4Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 5Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 6Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 7Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 8Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Data Sheet
HMC8410
Rev. A | Page 3 of 17
ELECTRICAL SPECIFICATIONS
0.01 GHz TO 3 GHz FREQUENCY RANGE
TA = 25°C, VDD = 5 V, and IDQ = 65 mA, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
0.01
3
GHz
GAIN
17.5
19.5
dB
Gain Variation Over Temperature
0.01
dB/°C
NOISE FIGURE
1.1
1.6
dB
0.3 GHz to 3 GHz
RETURN LOSS
Input
15
dB
Output
24
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
19.0
21.0
dBm
Saturated Output Power
PSAT
22.5
dBm
Output Third-Order Intercept
IP3
33
dBm
SUPPLY CURRENT
IDQ
65
80
mA
Adjust VGG1 to achieve IDQ = 65 mA typical
SUPPLY VOLTAGE
VDD
2
5
6
V
3 GHz TO 8 GHz FREQUENCY RANGE
TA = 25°C, VDD = 5 V, and IDQ = 65 mA, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
3
8
GHz
GAIN
15.5
18
dB
Gain Variation Over Temperature
0.01
dB/°C
NOISE FIGURE
1.4
1.9
dB
RETURN LOSS
Input
12
dB
Output
12
dB
OUTPUT
Output Power for 1 dB Compression
P1dB
18.0
21.0
dBm
Saturated Output Power
PSAT
22.5
dBm
Output Third-Order Intercept
IP3
31.5
dBm
SUPPLY CURRENT
IDQ
65
80
mA
Adjust VGG1 to achieve IDQ = 65 mA typical
SUPPLY VOLTAGE
VDD
2
5
6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com