전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EV1HMC8410LP2F 데이터시트(PDF) 13 Page - Analog Devices

부품명 EV1HMC8410LP2F
상세설명  Low Noise Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

EV1HMC8410LP2F 데이터시트(HTML) 13 Page - Analog Devices

Back Button EV1HMC8410LP2F Datasheet HTML 9Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 10Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 11Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 12Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 13Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 14Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 15Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 16Page - Analog Devices EV1HMC8410LP2F Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Data Sheet
HMC8410
Rev. A | Page 13 of 17
THEORY OF OPERATION
The HMC8410 is a gallium arsenide (GaAs), monolithic
microwave integrated circuit (MMIC), pseudomorphic (pHEMT),
low noise wideband amplifier.
The cascode amplifier uses a fundamental cell of two field effect
transistors (FETs) in series, source to drain. The basic schematic
for the cascode cell is shown in Figure 37, which forms a low
noise amplifier operating from 0.01 GHz to 10 GHz with
excellent noise figure performance.
VDD
RFOUT
RFIN
VGG1
Figure 37. Basic Schematic for the Cascode Cell
The HMC8410 has single-ended input and output ports whose
impedances are nominally equal to 50 Ω over the 0.01 GHz to
10 GHz frequency range. Consequently, it can directly insert
into a 50 Ω system with no required impedance matching
circuitry, which also means that multiple HMC8410 amplifiers
can be cascaded back to back without the need for external
matching circuitry.
The input and output impedances are sufficiently stable vs.
variations in temperature and supply voltage that no impedance
matching compensation is required.
Note that it is critical to supply very low inductance ground
connections to the ground pins as well as to the backside
exposed paddle to ensure stable operation.
To achieve optimal performance from the HMC8410 and prevent
damage to the device, do not exceed the absolute maximum
ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com