전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6596IBZ 데이터시트(PDF) 10 Page - Renesas Technology Corp

부품명 ISL6596IBZ
상세설명  Synchronous Rectified MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6596IBZ 데이터시트(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6596IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ISL6596
FN9240 Rev.3.00
Page 10 of 13
May 30, 2018
Revision History The revision history provided is for informational purposes only and is believed to be accurate, but not warranted.
Please visit our website to make sure you have the latest revision.
DATE
REVISION
CHANGE
May 30, 2018
FN9240.3
Added link to product information page in Related Literature section on page 1.
Updated Functional Pin Descriptions to match DFN package and moved descriptions to page 3.
Added Notes 1, 2, and 3 to Ordering Information table on page 3.
In Absolute Maximum Ratings section on page 5, changed the following:
-BOOT Voltage (VBOOT - GND): 25V to 33V
-PHASE Voltage: 15V to 30V
Updated Package Outline Drawing M8.15 to the latest revision.
-Revision 1 to Revision 2: Updated to new POD format by removing table, moving dimensions onto drawing,
and adding land pattern
-Revision 2 to Revision 3: Changed values in Typical Recommended Land Pattern from:
2.41 (0.095) to 2.20 (0.087)
0.76 (0.030) to 0.60 (0.023)
0.200 to 5.20 (0.205)
-Revision 3 to Revision 4: changed Note 1 “1982” to “1994”
Updated template and added Renesas disclaimer.
Removed About Intersil section.
November 10, 2015
FN9240.2
Updated the Ordering Information table on page 1.
Added Revision History and About Intersil sections.
Updated Package Outline Drawing L10.3X3C to the latest revision.
-Revision 2 to Revision 3 changes - Removed package outline and included center to center distance
between lands on recommended land pattern. Removed Note 4 "Dimension b applies to the metallized
terminal and is measured between 0.18mm and 0.30mm from the terminal tip." since it is not applicable to
this package. Renumbered notes accordingly.
-Revision 3 to Revision 3 changes - Tiebar Note 4 updated From: Tiebar shown (if present) is a non-functional
feature. To: Tiebar shown (if present) is a non-functional feature and may be located on any of the 4 sides (or
ends).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com