전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL6596IBZ 데이터시트(PDF) 2 Page - Renesas Technology Corp

부품명 ISL6596IBZ
상세설명  Synchronous Rectified MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6596IBZ 데이터시트(HTML) 2 Page - Renesas Technology Corp

  ISL6596IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL6596IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ISL6596
FN9240 Rev.3.00
Page 2 of 13
May 30, 2018
Typical Application
FIGURE 1. MULTI-PHASE CONVERTER USING ISL6596 GATE DRIVERS (SEE “APPLICATION INFORMATION” ON PAGE 9)
Block Diagram
FIGURE 2. BLOCK DIAGRAM
+5V
BOOT
UGATE
PHASE
LGATE
PWM
VCTRL
VCC
VIN
+VCORE
PGOOD
VID
FS/EN
GND
ISEN2
ISEN1
PWM2
PWM1
VSEN
PWM
FB
VCC
+3.3V
COMP
ISL6596
CONTROLLER
+3.3V
(ISL69XX)
(OPTIONAL)
RUGPH IS REQUIRED FOR SPECIAL POWER SEQUENCING APPLICATIONS
RUGPH
+5V
BOOT
UGATE
PHASE
LGATE
PWM
VCC
VIN
ISL6596
RUGPH
VCTRL
VCC
PWM
BOOT
UGATE
PHASE
LGATE
GND
VCTRL
7k
CONTROL
LOGIC
VCC
7k
SHOOT-
THROUGH
PROTECTION
VCTRL = CONTROLLER VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com