전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9204 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 ISL9204
상세설명  High Input Voltage Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9204 데이터시트(HTML) 3 Page - Renesas Technology Corp

  ISL9204 Datasheet HTML 1Page - Renesas Technology Corp ISL9204 Datasheet HTML 2Page - Renesas Technology Corp ISL9204 Datasheet HTML 3Page - Renesas Technology Corp ISL9204 Datasheet HTML 4Page - Renesas Technology Corp ISL9204 Datasheet HTML 5Page - Renesas Technology Corp ISL9204 Datasheet HTML 6Page - Renesas Technology Corp ISL9204 Datasheet HTML 7Page - Renesas Technology Corp ISL9204 Datasheet HTML 8Page - Renesas Technology Corp ISL9204 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ISL9204
FN9207 Rev 0.00
Page 3 of 10
October 4, 2005
INTERNAL TEMPERATURE MONITORING
Charge Current Foldback Threshold
(Note 6)
TFOLD
100
115
130
°C
LOGIC INPUT AND OUTPUTS
EN Pin Logic Input High
1.3
-
-
V
EN Pin Logic Input Low
--
0.5
V
EN Pin Internal Pull Down
Resistance
100
200
400
k
CHG Sink Current When LOW
Pin Voltage = 1V
10
20
-
mA
CHG Leakage Current When HIGH
VCHG = 6.5V
-
-
1
µA
PPR Sink Current When LOW
Pin Voltage = 1V
10
20
-
mA
PPR Leakage Current When HIGH
VPPR = 6.5V
-
-
1
µA
NOTES:
3. The 4.0V VBAT is selected so that the CHG output can be used as the indication for the offset comparator output indication. If the VBAT is lower
than the POR threshold, no output pin can be used for indication.
4. For junction temperature from -40°C to120°C.
5. The charge current can be affected by the thermal foldback function if the IC under the test setup cannot dissipate the heat.
6. Guaranteed by characterization or correlation to other test.
Electrical Specifications
Typical Values Are Tested at VIN = 5V and the Ambient Temperature at 25°C. All Maximum and Minimum
Values Are Guaranteed Under the Recommended Operating Supply Voltage Range and Ambient Temperature
Range, Unless Otherwise Noted. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Characteristics
FIGURE 1. COMPLETE CHARGE CYCLE (130mAh BATTERY)
FIGURE 2. CONSTANT VOLTAGE vs CHARGE CURRENT
0
1K2K
3K
4K5K6K
TIME (S)
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
4.1
4.3
4.5
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
CONSTANT
VOLTAGE
CONSTANT
CURRENT
0
50
100
150
200
250
300
350
4.10
4.12
4.14
4.16
4.18
4.20
4.22
4.24
4.26
IBAT (mA)
VIN = 5V
TA = 25°C
RIREF = 12.8K



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com