전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL9204 데이터시트(PDF) 4 Page - Renesas Technology Corp

부품명 ISL9204
상세설명  High Input Voltage Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9204 데이터시트(HTML) 4 Page - Renesas Technology Corp

  ISL9204 Datasheet HTML 1Page - Renesas Technology Corp ISL9204 Datasheet HTML 2Page - Renesas Technology Corp ISL9204 Datasheet HTML 3Page - Renesas Technology Corp ISL9204 Datasheet HTML 4Page - Renesas Technology Corp ISL9204 Datasheet HTML 5Page - Renesas Technology Corp ISL9204 Datasheet HTML 6Page - Renesas Technology Corp ISL9204 Datasheet HTML 7Page - Renesas Technology Corp ISL9204 Datasheet HTML 8Page - Renesas Technology Corp ISL9204 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ISL9204
FN9207 Rev 0.00
Page 4 of 10
October 4, 2005
FIGURE 3. CHARGE CURRENT vs VIN
FIGURE 4. VICDL vs CHARGE CURRENT
FIGURE 5. CHARGE CURRENT vs VBAT
FIGURE 6. VBAT vs VIN
FIGURE 7. CHARGE CURRENT vs TEMPERATURE
FIGURE 8. VBAT vs TEMPERATURE
Typical Characteristics (Continued)
456
789
10
11
12
VIN (V)
160.0
152.5
145.0
137.5
130.0
122.5
115.0
107.5
100.0
TA = 25°C
RIREF = 29.4K
VBAT = 3V
RIREF = 59K
29.4K
19.5K
VIN = 5V
TA = 25°C
VBAT = 3.9V
0
50
100
150
200
250
300
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
CHARGE CURRENT (mA)
19.5K
29.4K
RIREF = 59K
0
1234
5
0
30
60
90
120
150
180
210
240
VBAT (V)
VIN = 5V
TA = 25°C
3456789
10
11
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
VIN = 5V
TA = 25°C
IBAT = 15mA
VIN (V)
VIN = 5V
VB = 3.9V
RIREF = 29.4K
-20
-40
0
20
40
60
80
100 120
120
124
128
132
136
140
144
148
152
TEMPERATURE (°C)
-20
-40
0
20
40
60
80
100 120
4.15
4.16
4.17
4.18
4.19
4.20
4.21
4.22
4.23
4.24
4.25
TEMPERATURE (°C)
VIN = 5V
IBAT = 15mA



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com