전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL7571 데이터시트(PDF) 9 Page - Renesas Technology Corp

부품명 EL7571
상세설명  Programmable PWM Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL7571 데이터시트(HTML) 9 Page - Renesas Technology Corp

Back Button EL7571 Datasheet HTML 5Page - Renesas Technology Corp EL7571 Datasheet HTML 6Page - Renesas Technology Corp EL7571 Datasheet HTML 7Page - Renesas Technology Corp EL7571 Datasheet HTML 8Page - Renesas Technology Corp EL7571 Datasheet HTML 9Page - Renesas Technology Corp EL7571 Datasheet HTML 10Page - Renesas Technology Corp EL7571 Datasheet HTML 11Page - Renesas Technology Corp EL7571 Datasheet HTML 12Page - Renesas Technology Corp EL7571 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
EL7571
FN7298 Rev 1.00
Page 9 of 19
October 25, 2004
where:
IPEAK = peak ripple current
TON = top switch on time
VIN = input voltage
FSW = switching frequency
VOUT = output voltage
IMIN = minimum load
Since inductance value tends to decrease with current, ripple
current will generally be greater than 21MIN at higher output
current.
Once the minimum output inductance is determined, an off the
shelf inductor with current rating greater than the maximum DC
output required can be selected. Pulse Engineering and Coil
Craft
are two manufactures of high current inductors. For
converter designers who want to design their own high current
inductors, for experimental purposes or to further reduce costs,
we recommend the Micrometals Powered Iron Cores data
sheet and applications note as a good reference and starting
point.
Current Sense Resistor, R1
Inductor current is monitored indirectly via a low value resistor
R1. The voltage developed across the current sense resistor is
used to set the maximum operating current, the current
reversal threshold and the system load regulation. To ensure
reliable system operation it is important to sense the actual
voltage drop across the resistor. Accordingly a four wire Kelvin
connection should be made to the controller current sense
inputs. There are two criteria for selecting the resistor value
and type. Firstly, the minimum value is limited by the maximum
output current. The EL7571 current limit capacitor has a typical
threshold of 154mV, 125mV minimum. When the voltage
across the sense resistor exceeds this threshold, the
conduction cycle of the top switch terminates immediately,
providing pulse by pulse current limiting. A resistor value must
be selected which guarantees operation under maximum load.
That is:
where:
VOCMIN = minimum over current voltage threshold
IMAX = maximum output current
Secondly, since the load current passes directly through the
sense resistor, its power rating must be sufficient to handle the
power dissipated during maximum load (current limit)
conditions. Thus:
where:
PD = power dissipated in current sense resistor
PD must be less than the power rating of the current sense
resistor. High current applications may require parallel sense
resistors to dissipate sufficient power. Current Sense Resistor
Table below lists some popular current sense resistors: the
WLS-2512 series of Power Metal Strip Resistors from Dale
Electronics, OARS series Iron Alloy resistor from IRC, and
Copper Magnanin (CuNi) wire resistor from Mills Resistors.
Mother board copper trace is not recommended because of its
high temperature coefficient and low power dissipation. The
trade-off between the different types of resistors are cost,
space, packaging and performance. Although Power Metal
Strip Resistors are relatively expensive, they are available in
surface mount packaging with tighter tolerances.
Consequently, less board space is used to achieve a more
accurate current sense. Alternatively, Magnanin copper wire
has looser tolerance and higher parasitic inductance. This
results in a less current sense but at a much lower cost. Metal
track on the PCB can also be used as current sense resistor.
The trade-offs are ±30% tolerance and ±4000 ppm
temperature coefficient. Ultimately, the selection of the type of
current sense element must be made on an application by
application basis.
R1
VOCMIN
1MAX
-----------------------
=
PD
1OUTMAX
2
R1
=
Bill of Materials
MANUFACTURER
PART NO.
TOLERANCE
TEMPERATURE
COEFFICIENT
POWER RATING
PHONE NO.
FAX NO.
Dale
WSL 2512
±1%
±75ppm
1W
402-563-6506
402-563-6418
IRC
OARS Series
±5%
±20ppm
1W - 5W
800-472-6467
800-472-3282
Mills Resistor
MRS1367-TBA
±10%
±20ppm
1.2W
916-422-5461
906-422-1409
PCB Trace Resistor
±30%
±4000ppm
50A/in (1oz Cu)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com