전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL88731CEVAL2Z 데이터시트(PDF) 13 Page - Renesas Technology Corp

부품명 ISL88731CEVAL2Z
상세설명  SMBus Level 2 Battery Charger
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL88731CEVAL2Z 데이터시트(HTML) 13 Page - Renesas Technology Corp

Back Button ISL88731CEVAL2Z Datasheet HTML 9Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 10Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 11Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 12Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 13Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 14Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 15Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 16Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ISL88731C
FN6978 Rev 3.00
Page 13 of 26
June 8, 2011
Acknowledge
Each address and data transmission uses 9-clock pulses. The
ninth pulse is the acknowledge bit (ACK). After the start
condition, the master sends 7-slave address bits and a R/W bit
during the next 8-clock pulses. During the ninth clock pulse, the
device that recognizes its own address holds the data line low
to acknowledge. The acknowledge bit is also used by both the
master and the slave to acknowledge receipt of register
addresses and data (see Figure 20).
SMBus Transactions
All transactions start with a control byte sent from the SMBus master
device. The control byte begins with a Start condition, followed by 7-bits
of slave address (0001001 for the ISL88731C) followed by the R/W bit.
The R/W bit is 0 for a write or 1 for a read. If any slave devices on the
SMBus bus recognize their address, they will Acknowledge by pulling
the serial data (SDA) line low for the last clock cycle in the control byte. If
no slaves exist at that address or are not ready to communicate, the
data line will be 1, indicating a Not Acknowledge condition.
Once the control byte is sent, and the ISL88731C acknowledges
it, the 2nd byte sent by the master must be a register address
byte such as 0x14 for the ChargeCurrent register. The register
address byte tells the ISL88731C which register the master will
write or read. See Table 1 for details of the registers. Once the
ISL88731C receives a register address byte it responds with an
acknowledge.
Byte Format
Every byte put on the SDA line must be eight bits long and must
be followed by an acknowledge bit. Data is transferred with the
most significant bit first (MSB) and the least significant bit last
(LSB).
ISL88731C and SMBus
The ISL88731C receives control inputs from the SMBus
interface. The serial interface complies with the SMBus protocols
as documented in the System Management Bus Specification
V1.1, which can be downloaded from www.smbus.org. The
ISL88731C uses the SMBus Read-Word and Write-Word
protocols (Figure 21) to communicate with the smart battery. The
ISL88731C is an SMBus slave device and does not initiate
communication on the bus. It responds to the 7-bit address
0b0001001_ (0x12).
Read address = 0b00010011 and
Write address = 0b00010010.
In addition, the ISL88731C has two identification (ID) registers: a
16-bit device ID register and a 16-bit manufacturer ID register.
SDA
SCL
FIGURE 20. ACKNOWLEDGE ON THE I2C BUS
1
2
8
9
ACKNOWLEDGE
MSB
FROM SLAVE
START
TABLE 1. BATTERY CHARGER REGISTER SUMMARY
REGISTER
ADDRESS
REGISTER NAME
READ/WRITE
DESCRIPTION
POR STATE
0x14
ChargeCurrent
Read or Write
6-bit Charge Current Setting
0x0000
0x15
ChargeVoltage
Read or Write
11-bit Charge Voltage Setting
0x0000
0x3F
InputCurrent
Read or Write
6-bit Charge Current Setting
0x0080
0xFE
ManufacturerID
Read Only
Manufacturer ID
0x0049
0xFF
DeviceID
Read Only
Device ID
0x0001
FIGURE 21. SMBus/ISL88731C READ AND WRITE PROTOCOL
A
S
A
N
P
SLAVE
ADDR + W
REGISTER
ADDR
HI BYTE
DATA
LO BYTE
DATA
A
A
A
S
A
P
SLAVE
ADDR + W
REGISTER
ADDR
HI BYTE
DATA
LO BYTE
DATA
A
A
N
S
A
SLAVE
ADDR + R
P
ACKNOWLEDGE
NO ACKNOWLEDGE
SSTART
PSTOP
DRIVEN BY THE MASTER
DRIVEN BY ISL88731C
Write To A Register
Read From A Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com