전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL88731CEVAL2Z 데이터시트(PDF) 21 Page - Renesas Technology Corp

부품명 ISL88731CEVAL2Z
상세설명  SMBus Level 2 Battery Charger
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL88731CEVAL2Z 데이터시트(HTML) 21 Page - Renesas Technology Corp

Back Button ISL88731CEVAL2Z Datasheet HTML 17Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 18Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 19Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 20Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 21Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 22Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 23Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 24Page - Renesas Technology Corp ISL88731CEVAL2Z Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
ISL88731C
FN6978 Rev 3.00
Page 21 of 26
June 8, 2011
charger output. Figure 25 shows the adapter current limit control
loop.
The loop response equations, bode plots and the selection of
CICOMP are the same as the charge current control loop with loop
gain reduced by the duty cycle and the ratio of RS1/RS2. In other
words, if RS1 = RS2 and the duty cycle D = 50%, the loop gain will
be 6dB lower than the loop gain in Figure 25. This gives lower
crossover frequency and higher phase margin in this mode. If
RS1/RS2 = 2 and the duty cycle is 50% then the adapter current
loop gain will be identical to the gain in Figure 25.
A filter should be added between RS1 and CSIP and CSIN to reduce
switching noise. The filter roll off frequency should be between the
cross over frequency and the switching frequency (~100kHz).
Voltage Control Loop
When the battery is charged to the voltage set by ChargeVoltage
register, the voltage error amplifier (GMV) takes control of the
output (assuming that the adapter current is below the limit set
by ACLIM). The voltage error amplifier (GMV) discharges the cap
on VCOMP to limit the output voltage. The current to the battery
decreases as the cells charge to the fixed voltage and the voltage
across the internal battery resistance decreases. As battery
current decreases the 2 current error amplifiers (GMI and GMS)
output their maximum current and charge the capacitor on
ICOMP to its maximum voltage (limited to 0.3V above VCOMP).
With high voltage on ICOMP, the minimum voltage buffer output
equals the voltage on VCOMP.
The voltage control loop is shown in Figure 26.
Output LC Filter Transfer Functions
The gain from the phase node to the system output and battery
depend entirely on external components. Typical output LC filter
response is shown in Figure 27. Transfer function ALC(s) is shown
in Equation 22:
The resistance RO is a combination of MOSFET rDS(ON), inductor
DCR, RSENSE and the internal resistance of the battery (normally
between 50m
 and 200m) The worst case for voltage mode
control is when the battery is absent. This results in the highest Q
of the LC filter and the lowest phase margin.
The compensation network consists of the voltage error amplifier
GMV and the compensation network RVCOMP, CVCOMP which give
the loop very high DC gain, a very low frequency pole and a zero
at FZERO1. Inductor current information is added to the feedback
to create a second zero FZERO2. The low pass filter RF2, CF2
between RS2 and ISL88731C add a pole at FFILTER. R3 and R4
are internal divider resistors that set the DC output voltage. For a
3-cell battery, R3 = 500k and R4 = 100k. The following
equations relate the compensation network’s poles, zeros and
FIGURE 24. CHARGE CURRENT LOOP BODE PLOTS
-60
-40
-20
0
20
40
60
0.01k
0.1k
1k
10k
100k
1M
FREQUENCY (Hz)
COMPENSATOR
MODULATOR
LOOP
FPOLE2
FFILTER
FPOLE1
FZERO
CICOMP
RBAT
ICOMP
PHASE
11
S
+
-
0.25
DACS
+
-
GMS
RS1
DCIN
CSSN
+
-
CA1
20
CSSP
CF1
RF1
RS2
CSON
+
-
20X
CSOP
CF2
RF2
RESR
CO
L
RFET_RDSON
RL_DCR
CA2
FIGURE 25. ADAPTER CURRENT LIMIT LOOP
FIGURE 26. VOLTAGE CONTROL LOOP
VCOMP
CSON
PHASE
11
CSOP
S
+
-
0.25
+
-
GMV
CVCOMP
RVCOMP
DACV
R3
R4
+
-
20x
RS2
RBAT
RESR
CO
CF2
RF2
L
RFET_RDSON
RL_DCR
CA2

ALC
1
s
ESR
--------------
–


s
2
DP
-----------
s
LC Q

----------------------- 1
++



---------------------------------------------------------
=
ESR
1
RESR Co

-----------------------------
=
LC
1
LCo

-----------------------
=
QRo
L
Co
------
=
(EQ. 22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com