전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HC55183ECMZ 데이터시트(PDF) 7 Page - Renesas Technology Corp

부품명 HC55183ECMZ
상세설명  Extended Reach Ringing SLIC Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55183ECMZ 데이터시트(HTML) 7 Page - Renesas Technology Corp

Back Button HC55183ECMZ Datasheet HTML 3Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 4Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 5Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 6Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 7Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 8Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 9Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 10Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
HC55183, HC55184
FN4519 Rev 8.00
Page 7 of 19
August 10, 2010
Forward (Note 2)
ICC
2.0
5.5
8.0
mA
IBL
-1.3
2.5
mA
IBH, VBH = -75V
-
1.4
3.0
mA
Ringing (Note 2)
ICC
-8.5
-
mA
IBL
-0.4
2.0
mA
IBH, VBH = -75V
-
1.3
2.5
mA
Forward Loopback (Note 5)
(Note 14)
-
-
-
mA
--
-
mA
Tip Open (Note 5)
(Note 15)
-
-
-
mA
--
-
mA
Power Denial (Note 5)
ICC
-3.0
6.0
mA
IBL
-0.2
0.5
mA
ON HOOK POWER DISSIPATION
(Note 16)
Forward or Reverse (Note 5, 6)
VBL = -24V
-
44
60
mW
Low Power Standby (Note 2)
VBH = -75V
-
46
70
mW
(Note 8)
-
-
-
mW
Ringing (Note 2)
VBH = -75V
-
170
275
mW
(Note 8)
-
-
-
mW
OFF HOOK POWER DISSIPATION
(Notes 5, 16)
Forward or Reverse
VBL = -24V
-
280
310
mW
NOTES:
7. Ringing Voltage is measured with VRS = 0.707 VRMS for -85V devices and VRS = 0.619 VRMS for -75V devices. All measurements are at
T = +25°C.
8. The HC55183 and HC55184 devices are specified with a single high battery voltage grade.
9. The device represents a low output impedance during ringing. Therefore the voltage across the ringing load is determined by the voltage divider
formed by the protection resistance, loop resistance and ringing load impedance.
10. The HC55183 and HC55184 are specified with a single longitudinal balance grade.
11. Longitudinal Balance is tested per IEEE455-1985, with 368
 per Tip and Ring Terminal.
12. These parameters are tested 100% at room temperature. These parameters are guaranteed not tested across temperature via statistical
characterization.
13. The HC55183 and HC55184 do not support uncommitted switch operation.
14. The HC55183 and HC55184 do not support the Forward Loopback operating mode.
15. The HC55183 and HC55184 do not support the Tip Open operating mode.
16. The power dissipation numbers are actual device measurements and will be less than worse case calculations based on data sheet supply
current limits.
17. Characterized with 2 x 10
s, and 10 x 1000s first level lightning surge waveforms (GR-1089-CORE).
Electrical Specifications
Unless Otherwise Specified, TA = 0°C to 70°C , VBL = -24V, VCC = +5V, AGND = BGND = 0V, loop current
limit = 25mA. All AC Parameters are specified at 600
 2-wire terminating impedance over the frequency band
of 300Hz to 3.4kHz. Protection resistors = 0
. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com