전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HC55183ECMZ 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 HC55183ECMZ
상세설명  Extended Reach Ringing SLIC Family
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55183ECMZ 데이터시트(HTML) 1 Page - Renesas Technology Corp

  HC55183ECMZ Datasheet HTML 1Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 2Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 3Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 4Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 5Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 6Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 7Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 8Page - Renesas Technology Corp HC55183ECMZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FN4519 Rev 8.00
Page 1 of 19
August 10, 2010
FN4519
Rev 8.00
August 10, 2010
HC55183, HC55184
Extended Reach Ringing SLIC Family
DATASHEET
The RSLIC18™ family of ringing subscriber line interface
circuits (RSLIC) supports analog Plain Old Telephone
Service (POTS) in short and medium loop length, wireless
and wireline applications. Ideally suited for remote
subscriber units, this family of products offers flexibility to
designers with high ringing voltage and low power
consumption system requirements.
The HC55183 and HC55184 family operates up to 75V, and
the HC55185 family operates to 100V, which translates
directly to the amount of ringing voltage supplied to the end
subscriber. With 100V operating voltage, subscriber loop
lengths can be extended up to 500
 (i.e., 5,000 feet) and
beyond.
Other key features across the product family include: low
power consumption, ringing using sinusoidal or trapezoidal
waveforms, robust auto-detection mechanisms for when
subscribers go on or off hook, and minimal external discrete
application components. Integrated test access features are
also offered on selected products to support loopback
testing as well as line measurement tests.
There are 2 product offerings in the RSLIC18 family:
HC55183 and HC55184. The architecture for this family is
based on a voltage feed amplifier design using low fixed loop
gains to achieve high analog performance with low
susceptibility to system induced noise.
Block Diagram
Features
• Battery Operation to 75V
• Low Standby Power Consumption of 50mW
• Peak Ringing Amplitude 95V, 5 REN
• Sinusoidal or Trapezoidal Ringing Capability
• Integrated CODEC Ringing Interface
• Integrated MTU DC Characteristics
• Low External Component Count
• Pulse Metering and On Hook Transmission
• Tip Open Ground Start Operation
• Thermal Shutdown with Alarm Indicator
• 28 Lead Surface Mount Packaging
• Dielectric Isolated (DI) High Voltage Design
• HC55183
- Integrated Battery Switch
- 45dB Longitudinal Balance
• HC55184
- Integrated Battery Switch
- Silent Polarity Reversal
- 45dB Longitudinal Balance
• Pb-Free (RoHS Compliant)
Applications
• Wireless Local Loop (WLL)
• Digital Added Main Line (DAML)/Pairgain
• Integrated Services Digital Network (ISDN)
• Small Office Home Office (SOHO) PBX
• Cable/Computer Telephony
Related Literature
• AN9824, Spice Model Tutorial of the RSLIC18 AC Loop
VRS
VRX
VTX
-IN
VFB
F2
F1
F0
ILIM
TIP
RING
SW+
SW-
RTD RD
DET ALM
RINGING
PORT
4-WIRE
PORT
CONTROL
LOGIC
BATTERY
SWITCH
TRANSMIT
SENSING
DETECTOR
LOGIC
DC
CONTROL
2-WIRE
PORT
TEST
ACCESS
E0
POL
CDC
VBH
VBL
BSEL
SWC


유사한 부품 번호 - HC55183ECMZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HC55183ECMZ INTERSIL-HC55183ECMZ Datasheet
388Kb / 21P
Extended Reach Ringing SLIC Family
July 13, 2005
HC55183ECMZ INTERSIL-HC55183ECMZ Datasheet
465Kb / 19P
Extended Reach Ringing SLIC Family
August 10, 2010
HC55183ECMZ96 INTERSIL-HC55183ECMZ96 Datasheet
388Kb / 21P
Extended Reach Ringing SLIC Family
July 13, 2005
HC55183ECMZ96 INTERSIL-HC55183ECMZ96 Datasheet
465Kb / 19P
Extended Reach Ringing SLIC Family
August 10, 2010
More results

유사한 설명 - HC55183ECMZ

제조업체부품명데이터시트상세설명
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
Extended Reach Ringing SLIC Family
October 1998
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
ISL5585 INTERSIL-ISL5585 Datasheet
425Kb / 22P
3.3V Ringing SLIC Family for Voice Over Broadband VOB
October 2003
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
Analog Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
logo
Intersil Corporation
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
Extended Reach Ringing SLIC Family
July 13, 2005
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
VoIP Ringing SLIC Family
December 18, 2006
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
Extended Reach Ringing SLIC Family
August 10, 2010
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
VoIP Ringing SLIC Family
February 9, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com