전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HIP9011ABZ 데이터시트(PDF) 1 Page - Renesas Technology Corp

부품명 HIP9011ABZ
상세설명  Engine Knock Signal Processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP9011ABZ 데이터시트(HTML) 1 Page - Renesas Technology Corp

  HIP9011ABZ Datasheet HTML 1Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 2Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 3Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 4Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 5Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 6Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 7Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 8Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FN4367 Rev 2.00
Page 1 of 11
January 6, 2006
FN4367
Rev 2.00
January 6, 2006
HIP9011
Engine Knock Signal Processor
DATASHEET
The HIP9011 is used to provide a method of detecting
premature detonation often referred to as “Knock or Ping” in
internal combustion engines.
The IC is shown in the Simplified Block Diagram. The chip
can select between one of two sensors, if needed for
accurate monitoring or for “V” type engines. Internal control
via the SPI bus is fast enough to switch sensors between
each firing cycle. A programmable bandpass filter
processes the signal from either of the sensor inputs. The
bandpass filter can be selected to optimize the extraction
the engine knock or ping signals from the engine
background noise. Further single processing is obtained by
full wave rectification of the filtered signal and applying it to
an integrator whose output voltage level is proportional to
the knock signal amplitude. The chip is under
microprocessor control via a SPI interface bus.
Features
• Two Sensor Inputs
• Microprocessor Programmable
• Accurate and Stable Filter Elements
• Digitally Programmable Gain
• Digitally Programmable Time Constants
• Digitally Programmable Filter Characteristics
• On-Chip Crystal Oscillator
• Programmable Frequency Divider
• External Clock Frequencies up to 24MHz
- 4, 5, 6, 8, 10, 12, 16, 20, and 24MHz
• Operating Temperature Range -40oC to 125oC
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Engine Knock Detector Processor
• Analog Signal Processing Where Controllable Filter
Characteristics are Required
Simplified Block Diagram
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(oC)
PACKAGE
PKG.
DWG. #
HIP9011AB
HIP9011AB
-40 to 125 20 Ld SOIC
M20.3
HIP9011ABZ
(See Note)
HIP9011ABZ
-40 to 125 20 Ld SOIC
(Pb-free)
M20.3
Add “T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
INTOUT
PROGRAMMABLE
2
- 0.111
RECTIFIER
PROGRAMMABLE
INTEGRATOR
40
- 600s
32 STEPS
OUTPUT
DRIVER
PROGRAMMABLE
BANDPASS
FILTER
1
-20kHz
64 STEPS
REGISTERS
AND
STATE MACHINE
STAGE
TO SWITCHED
CAPACITOR
NETWORKS
SCK
CS
SI
SO
INT/HOLD
TEST
OSCIN
OSCOUT
VMID
CH0FB
CH0IN
CH1FB
CH1IN
VDD GND
POWER SUPPLY
AND
BIAS CIRCUITS
DIVIDER
PROGRAMMABLE
CH0NI
CH1NI
SAMPLE
AND HOLD
AND
ACTIVE
FULL WAVE
64 STEPS
GAIN
-
+
-
+
CLOCK
SPI
INTERFACE


유사한 부품 번호 - HIP9011ABZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HIP9011ABZ INTERSIL-HIP9011ABZ Datasheet
245Kb / 11P
Engine Knock Signal Processor
January 6, 2006
HIP9011ABZ INTERSIL-HIP9011ABZ Datasheet
251Kb / 11P
Engine Knock Signal Processor
January 6, 2006
HIP9011ABZ INTERSIL-HIP9011ABZ Datasheet
251Kb / 11P
Engine Knock Signal Processor
January 6, 2006
HIP9011ABZT INTERSIL-HIP9011ABZT Datasheet
251Kb / 11P
Engine Knock Signal Processor
January 6, 2006
More results

유사한 설명 - HIP9011ABZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
HIP9010 INTERSIL-HIP9010 Datasheet
81Kb / 12P
Engine Knock Signal Processor
1998 11
HIP9011 INTERSIL-HIP9011 Datasheet
76Kb / 11P
Engine Knock Signal Processor
1998 11
logo
Texas Instruments
TMS320C6412 TI-TMS320C6412 Datasheet
1Mb / 159P
Signal Processor
TLV5591 TI-TLV5591 Datasheet
54Kb / 4P
SEMICONDUCTOR SIGNAL PROCESSOR
logo
Intersil Corporation
HIP9011 INTERSIL-HIP9011_06 Datasheet
245Kb / 11P
Engine Knock Signal Processor
January 6, 2006
logo
BOSER Technology Co., L...
HS-2606 BOSER-HS-2606_2 Datasheet
5Mb / 78P
ULV Intel짰 Celeron짰 processor Embedded Engine Board
HS-2607 BOSER-HS-2607_1 Datasheet
5Mb / 72P
Eden processor Embedded Engine Board
HS-2608 BOSER-HS-2608_2 Datasheet
3Mb / 84P
ULV Intel짰 Celeron짰 Processor Embedded Engine Board
logo
Intersil Corporation
HIP9011ABT INTERSIL-HIP9011ABT Datasheet
251Kb / 11P
Engine Knock Signal Processor
January 6, 2006
HIP9011ABZT INTERSIL-HIP9011ABZT Datasheet
251Kb / 11P
Engine Knock Signal Processor
January 6, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com