전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SGM4056 데이터시트(PDF) 3 Page - SG Micro Corp

부품명 SGM4056
상세설명  High Input Voltage Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SGMICRO [SG Micro Corp]
홈페이지  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4056 데이터시트(HTML) 3 Page - SG Micro Corp

  SGM4056_17 Datasheet HTML 1Page - SG Micro Corp SGM4056_17 Datasheet HTML 2Page - SG Micro Corp SGM4056_17 Datasheet HTML 3Page - SG Micro Corp SGM4056_17 Datasheet HTML 4Page - SG Micro Corp SGM4056_17 Datasheet HTML 5Page - SG Micro Corp SGM4056_17 Datasheet HTML 6Page - SG Micro Corp SGM4056_17 Datasheet HTML 7Page - SG Micro Corp SGM4056_17 Datasheet HTML 8Page - SG Micro Corp SGM4056_17 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SGM4056
High Input Voltage Charger
3
OCTOBER 2017
SG Micro Corp
www.sg-micro.com
PIN CONFIGURATIONS
(TOP VIEW)
(TOP VIEW)
VIN
PPR
CHG
EN
3
1
2
4
6
8
7
5
BAT
IREF
IMIN
GND
BAT
IREF
IMIN
3
1
2
4
GND
6
8
7
5
VIN
PPR
CHG
EN
SOIC-8 (Exposed Pad)
TDFN-3×3-8L/TDFN-2×3-8L/TDFN-2×2-8L
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
VIN
Power Input. The absolute maximum input voltage is 26.5V. A 1μF or larger value X5R ceramic
capacitor is recommended to be placed very close to the input pin for decoupling purpose. Additional
capacitance may be required to provide a stable input voltage.
2
PPR
Open-drain Power Presence Indication. The open-drain MOSFET turns on when the input voltage is
above the POR threshold but below the OVP threshold and off otherwise. This pin is capable to sink
15mA (MIN) current to drive an LED. The maximum voltage rating for this pin is 5.5V. This pin is
independent on the EN pin input.
3
CHG
Open-drain Charge Indication. This pin outputs a logic low when a charge cycle starts and turns to high
impedance when the end-of-charge (EOC) condition is qualified. This pin is capable to sink 15mA (MIN)
current to drive an LED. When the charger is disabled, the CHG pin outputs high impedance.
4
EN
Enable Input. This is a logic input pin to disable or enable the charger. Drive to high to disable the
charger. When this pin is driven to low or left floating, the charger is enabled. This pin has an internal
200kΩ pull-down resistor.
5
GND
System Ground.
6
IMIN
End-of-Charge (EOC) Current Programming Pin. Connect a resistor between this pin and the GND pin
to set the EOC current. The EOC current IMIN can be programmed by the following equation:
MIN
IMIN
10070
I
0.5
R
=
(mA)
where RIMIN is in kΩ. The programmable range covers 5% (or 10mA, whichever is higher) to 50% of
IREF. When programmed to less than 5% or 10mA, the stability is not guaranteed.
7
IREF
Charge-Current Programming and Monitoring Pin. Connect a resistor between this pin and the GND pin
to set the charge current limit determined by the following equation:
REF
IREF
12080
I4
R
=
(mA)
where RIREF is in kΩ. The resistor should be located very close to this pin. The IREF pin voltage also
monitors the actual charge current during the entire charge cycle, including the trickle, constant-current,
and constant-voltage phases. When disabled, VIREF = 0V.
8
BAT
Charger Output Pin. Connect this pin to the battery. A 1μF or larger X5R ceramic capacitor is
recommended for decoupling and stability purposes. When the EN pin is pulled to logic high, the BAT
output is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com