전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SGM4056 데이터시트(PDF) 2 Page - SG Micro Corp

부품명 SGM4056
상세설명  High Input Voltage Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SGMICRO [SG Micro Corp]
홈페이지  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM4056 데이터시트(HTML) 2 Page - SG Micro Corp

  SGM4056_17 Datasheet HTML 1Page - SG Micro Corp SGM4056_17 Datasheet HTML 2Page - SG Micro Corp SGM4056_17 Datasheet HTML 3Page - SG Micro Corp SGM4056_17 Datasheet HTML 4Page - SG Micro Corp SGM4056_17 Datasheet HTML 5Page - SG Micro Corp SGM4056_17 Datasheet HTML 6Page - SG Micro Corp SGM4056_17 Datasheet HTML 7Page - SG Micro Corp SGM4056_17 Datasheet HTML 8Page - SG Micro Corp SGM4056_17 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SGM4056
High Input Voltage Charger
2
OCTOBER 2017
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
VOVP
(V)
PACKAGE
DESCRIPTION
SPECIFIED
TEMPERATURE
RANGE
ORDER NUMBER
PACKAGE
MARKING
PACKING
OPTION
SGM4056
6.8V
TDFN-3×3-8L
-40
℃ to +85℃
SGM4056-6.8YTDB8G/TR
SGM
G9DB
XXXXX
Tape and Reel, 3000
6.8V
TDFN-2×3-8L
-40
℃ to +85℃ SGM4056-6.8YTDC8G/TR
SGB
XXXX
Tape and Reel, 3000
6.8V
TDFN-2×2-8L
-40
℃ to +85℃
SGM4056-6.8YTDE8G/TR
SG7
XXXX
Tape and Reel, 3000
6.8V
SOIC-8
(Exposed Pad)
-40
℃ to +85℃
SGM4056-6.8YPS8G/TR
SGM
4056-6.8YPS8
XXXXX
Tape and Reel, 2500
10.5V
TDFN-3×3-8L
-40
℃ to +85℃ SGM4056-10.5YTDB8G/TR
SGM
GADB
XXXXX
Tape and Reel, 3000
10.5V
TDFN-2×3-8L
-40
℃ to +85℃ SGM4056-10.5YTDC8G/TR
SGC
XXXX
Tape and Reel, 3000
10.5V
TDFN-2×2-8L
-40
℃ to +85℃ SGM4056-10.5YTDE8G/TR
SG8
XXXX
Tape and Reel, 3000
10.5V
SOIC-8
(Exposed Pad)
-40
℃ to +85℃
SGM4056-10.5YPS8G/TR
SGM
4056-10.5YPS8
XXXXX
Tape and Reel, 2500
NOTE: XXXX = Date Code. XXXXX = Date Code and Vendor Code.
Green (RoHS & HSF): SG Micro Corp defines "Green" to mean Pb-Free (RoHS compatible) and free of halogen substances. If
you have additional comments or questions, please contact your SGMICRO representative directly.
ABSOLUTE MAXIMUM RATINGS
VIN to GND ........................................................ -0.3V to 30V
PPR , CHG , EN, IMIN, IREF, BAT to GND ....... -0.3V to 6V
Storage Temperature Range ........................-65
℃ to +150℃
Package Thermal Resistance
TDFN-3×3-8L, θJA...................................................... 84
℃/W
TDFN-2×3-8L, θJA.................................................... 110
℃/W
TDFN-2×2-8L, θJA.................................................... 118
℃/W
SOIC-8 (Exposed Pad), θJA ....................................... 58
℃/W
Junction Temperature.................................................+150
Lead Temperature (Soldering 10 sec) ........................+260
ESD Susceptibility
HBM.............................................................................4000V
MM.................................................................................200V
CDM ............................................................................1000V
RECOMMENDED OPERATING CONDITIONS
Operating Temperature Range.......................-40
℃ to +85℃
OVERSTRESS CAUTION
Stresses beyond those listed may cause permanent damage
to the device. Functional operation of the device at these or
any otherconditions beyond those indicated in the operational
section of the specification is not implied. Exposureto absolute
maximum rating conditions for extended periods may affect
reliability.
ESD SENSITIVITY CAUTION
This integrated circuit can be damaged by ESD if you don’t
pay attention to ESD protection. SGMICRO recommends that
all integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage
because very small parametric changes could cause the
device not to meet its published specifications.
DISCLAIMER
SG Micro Corp reserves the right to make any change in
circuit design, specification or other related things if necessary
without notice at any time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com