전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT104/DF7-2022 데이터시트(PDF) 10 Page - Hirose Electric

부품명 HT104/DF7-2022
상세설명  3.96 mm Pitch Miniature Connectors for Internal Power Supplies (UL,C-UL and T횥V Listed)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HIROSE [Hirose Electric]
홈페이지  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT104/DF7-2022 데이터시트(HTML) 10 Page - Hirose Electric

Back Button HT104/DF7-2022 Datasheet HTML 6Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 7Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 8Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 9Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 10Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 11Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 12Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 13Page - Hirose Electric HT104/DF7-2022 Datasheet HTML 14Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
B104
CL No.
Part Number
Number of contacts
A
B
Quantity per tray
DF7- 4DP-3.96DSA(24)
DF7- 6DP-3.96DSA(24)
DF7- 8DP-3.96DSA(24)
DF7-10DP-3.96DSA(24)
DF7-12DP-3.96DSA(24)
4
6
8
10
12
10.40
14.36
18.32
22.28
26.24
3.96
7.92
11.88
15.84
19.80
132
96
72
60
54
CL680-0145-0-24
CL680-0146-3-24
CL680-0147-6-24
CL680-0148-9-24
CL680-0149-1-24
s Double-row Straight Header
2.22
±1.4
1.26
Contact No.1
indicator
No. of
contacts
indicator
Cavity No.
M0.64
P=3.96
B
A
10
A
P=3.96±0.05
B±0.1
Contact No.1
2.22±0.05
Ø1.6
+0.1
0
Note: Tray packaging. Order by number of trays quantity.
B PCB mounting pattern
(Board thickness: 1.6±0.1)
CL No.
Part Number
Number of contacts
A
B
C
Quantity per tray
DF7- 4DP-3.96DS(24)
DF7- 6DP-3.96DS(24)
DF7- 8DP-3.96DS(24)
DF7-10DP-3.96DS(24)
DF7-12DP-3.96DS(24)
4
6
8
10
12
10.40
14.36
18.32
22.28
26.24
8.40
12.36
16.32
20.28
24.24
3.96
7.92
11.88
15.84
19.80
88
64
48
40
36
CL680-0150-0-24
CL680-0151-3-24
CL680-0152-6-24
CL680-0153-9-24
CL680-0154-1-24
s Double-row Right angle Header
Cavity No.
A
A
No. of
contacts
indicator
2.2
C
P=3.96
B
A
Contact No.1 indicator
3.5
C±0.1
3.96±0.05
B±0.1
*-Ø1.1
+0.10
2-Ø2
+0.1
0
Contact No.1
Note: Tray packaging. Order by number of trays quantity.
B PCB mounting pattern
(Board thickness: 1.6±0.1)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com