전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI6CVF857 데이터시트(PDF) 4 Page - Pericom Semiconductor Corporation

부품명 PI6CVF857
상세설명  1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CVF857 데이터시트(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6CVF857 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
PS8683B
10/17/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CVF857
1:10 PLL Clock Driver for
2.5V DDR-SDRAM Memory
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
m
o
N.
x
a
Ms
t
i
n
U
V
A D
D
e
g
a
tl
o
v
y
l
p
p
u
s
e
r
o
c
/
g
o
l
a
n
AV Q
D
D
2
1
.
0
–V Q
D
D
7
.
2
V
V Q
D
D
e
g
a
tl
o
v
y
l
p
p
u
s
t
u
p
t
u
O
0
0
7
2
C
P
-
0
0
6
1
C
P3
.
25
.
27
.
2
0
0
2
3
C
P5
.
26
.
27
.
2
V L
I
n
i
p
N
W
D
R
W
P
r
o
f
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
e
l
-
w
o
L3
.
0
–7
.
0
V H
I
n
i
p
N
W
D
R
W
P
r
o
f
e
g
a
tl
o
v
t
u
p
n
i
l
e
v
e
l
-
h
g
i
H7
.
1V Q
D
D
3
.
0
+
I H
O
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
h
g
i
H–
2
1
A
m
I L
O
t
n
e
r
r
u
c
t
u
p
t
u
o
l
e
v
e
l
-
w
o
L–
2
1
–
V X
I
e
g
a
tl
o
v
g
n
i
s
s
o
r
c
ri
a
p
-l
a
it
n
e
r
e
f
fi
d
t
u
p
n
I
V
(
Q
D
D
)
2
/
2
.
0
–
V
(
Q
D
D
2
.
0
+
)
2
/
V
V N
I
l
e
v
e
l
e
g
a
tl
o
v
t
u
p
n
I3
.
0
–V Q
D
D
3
.
0
+
V D
I
d
n
a
K
L
C
n
e
e
w
t
e
b
e
g
a
tl
o
v
l
a
it
n
e
r
e
f
fi
d
t
u
p
n
I
K
L
C
C
D6
3
.
0V Q
D
D
6
.
0
+
C
A7
.
0V Q
D
D
6
.
0
+
TA
e
r
u
t
a
r
e
p
m
e
t
ri
a
e
e
r
f
g
n
it
a
r
e
p
O0
4
–5
8C
°
DC Specifications
Recommended Operating Conditions
Absolute Maximum Ratings (Over operating free-air temperature range)
Note: Stress beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Ms
t
i
n
U
V Q
D
D
V
A
,
D
D
e
g
n
a
r
e
g
a
tl
o
v
y
l
p
p
u
s
e
r
o
c
/
g
o
l
a
n
a
d
n
a
e
g
n
a
r
e
g
a
tl
o
v
y
l
p
p
u
s
O
/
I5
.
0
–6
.
3
V
VI
e
g
n
a
r
e
g
a
tl
o
v
t
u
p
n
I5
.
0
–
V Q
D
D
5
.
0
+
VO
e
g
n
a
r
e
g
a
tl
o
v
t
u
p
t
u
O5
.
0
–
I K
I
t
n
e
r
r
u
C
p
m
a
l
C
t
u
p
n
I0
5
–0
5
A
m
I K
O
t
n
e
r
r
u
C
p
m
a
l
C
t
u
p
t
u
O0
5
–0
5
IO
t
n
e
r
r
u
C
t
u
p
t
u
o
s
u
o
u
n
it
n
o
C0
5
–0
5
I
)
R
W
P
(
O
V
A
h
c
a
e
h
g
u
o
r
h
t
t
n
e
r
r
u
c
s
u
o
u
n
it
n
o
C
D
D
V
,
Q
D
D
D
N
G
r
o
,0
0
1
–0
0
1
g
t
s
Te
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S5
6
–0
5
1
oC
∅ A
J
)
A
e
g
a
k
c
a
p
(
l
a
m
r
e
h
t
t
n
e
i
b
m
a
o
t
n
o
it
c
n
u
J
4
0
1
o
w
/
C
∅ C
J
)
A
e
g
a
k
c
a
p
(
l
a
m
r
e
h
t
e
s
a
c
o
t
n
o
it
c
n
u
J
8
3
o
w
/
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com