전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI6CVF857 데이터시트(PDF) 7 Page - Pericom Semiconductor Corporation

부품명 PI6CVF857
상세설명  1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PERICOM [Pericom Semiconductor Corporation]
홈페이지  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CVF857 데이터시트(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6CVF857 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6CVF857 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
PS8683B
10/17/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CVF857
1:10 PLL Clock Driver for
2.5V DDR-SDRAM Memory
AC Specifications for PC1600 ~ PC2700
Switching characteristics over recommended operating free-air temperature range (unless otherwise noted)( See Figure 1 & 2 )
r
e
t
e
m
a
r
a
Pn
o
i
t
p
i
r
c
s
e
Dm
a
r
g
a
i
D
V
A
D
D
V
,
Q
D
D
V
2
.
0
±
V
5
.
2
=
s
t
i
n
U
.
n
i
M.
m
o
Nx
a
M
)
c
c
(
ti
jtr
e
tt
ij
e
l
c
y
c
-
o
t
-
e
l
c
y
C4
e
r
u
g
i
F0
5
–0
5
s
p
(
t
θ)t
e
s
f
f
o
e
s
a
h
p
c
it
a
t
S
)
1
(
5
e
r
u
g
i
F0
5
–0
0
5
)
o
(
k
s
tw
e
k
s
k
c
o
l
c
t
u
p
t
u
O6
e
r
u
g
i
F5
7
)
r
e
p
(
ti
jtr
e
tt
ij
d
o
i
r
e
P7
e
r
u
g
i
F5
7
–5
7
)
r
e
p
h
(
ti
jtr
e
tt
ij
d
o
i
r
e
p
-
fl
a
H8
e
r
u
g
i
F0
0
1
–0
0
1
)i
(l
s
te
t
a
r
w
e
l
s
k
c
o
l
c
t
u
p
n
I9
e
r
u
g
i
F0
.
10
.
4
s
n
/
V
)
o
(l
s
te
t
a
r
w
e
l
s
k
c
o
l
c
t
u
p
t
u
O
)
2
(
9
e
r
u
g
i
F0
.
10
.
2
V X
O
e
g
a
tl
o
v
-
s
s
o
r
c
ri
a
p
-l
a
it
n
e
r
e
f
fi
d
t
u
p
t
u
OV
(
Q
D
D
1
.
0
–
)
2
/V
(
Q
D
D
1
.
0
+
)
2
/V
s
r
e
t
e
m
a
r
a
p
g
n
i
w
o
ll
o
f
e
h
t
h
ti
w
s
r
e
z
i
s
e
h
t
n
y
s
C
S
S
g
n
it
r
o
p
p
u
s
e
li
h
w
s
r
e
t
e
m
a
r
a
p
e
v
o
b
a
e
h
t
ll
a
g
n
it
e
e
m
f
o
e
l
b
a
p
a
c
s
i
L
L
P
e
h
T
y
c
n
e
u
q
e
r
f
n
o
it
a
l
u
d
o
m
C
S
S0
0
.
0
30
0
.
0
5z
H
k
n
o
it
a
i
v
e
d
y
c
n
e
u
q
e
r
f
t
u
p
n
i
k
c
o
l
c
C
S
S0
0
.
00
5
.
0
–%
h
t
d
i
w
d
n
a
b
p
o
o
l
L
L
P
)
4
(
2z
H
M
e
l
g
n
a
e
s
a
h
P
1
3
0
.
0
–s
e
e
r
g
e
d
Notes:
1. Static Phase offset does not include Jitter.
2. The Output Skew Rate is calculated by using the load shown in Figure 3.
3. VOX specified at the DRAM clock input or the test load in Figure 2.
4. The SSC requirements meet the Intel PC100 SDRAM Registered DIMM specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com