전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FSUSB242 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 FSUSB242
상세설명  Type-C USB Port Protection Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSUSB242 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button FSUSB242 Datasheet HTML 4Page - ON Semiconductor FSUSB242 Datasheet HTML 5Page - ON Semiconductor FSUSB242 Datasheet HTML 6Page - ON Semiconductor FSUSB242 Datasheet HTML 7Page - ON Semiconductor FSUSB242 Datasheet HTML 8Page - ON Semiconductor FSUSB242 Datasheet HTML 9Page - ON Semiconductor FSUSB242 Datasheet HTML 10Page - ON Semiconductor FSUSB242 Datasheet HTML 11Page - ON Semiconductor FSUSB242 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
FSUSB242
CONFIDENTIAL AND PROPRIETARY
NOT FOR PUBLIC RELEASE
www.onsemi.com
11
TEST DIAGRAMS (Continued)
Figure 19. Channel Off Capacitance
Figure 20. Channel On Capacitance
Capacitance
Meter
HSDn
Dn
S=LOW or HIGH
OE=HIGH
Capacitance
Meter
HSDn
Dn
S=LOW or HIGH
OE=LOW
ORDERING INFORMATION
Table 7. AVAILABLE PART NUMBERS
Part Number
Device Code
Operating Temperature Range
Package
Packing Method†
FSUSB242UCX
MT
−40 to 85
°C
9−Ball WLCSP
(1.2
0 x 1.20 mm)
Tape and Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12