전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SF1608CT 데이터시트(PDF) 2 Page - Inchange Semiconductor Company Limited

부품명 SF1608CT
상세설명  Ultra fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SF1608CT 데이터시트(HTML) 2 Page - Inchange Semiconductor Company Limited

  SF1608CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited SF1608CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
Ultra fast Rectifier
SF1608CT
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.5
/W
ELECTRICAL CHARACTERISTICS(Ta=25℃) (Pulse Test: Pulse Width=300μs,Duty Cycle≤2%)
SYMBOL
PARAMETER
CONDITIONS
MAX
UNIT
VF*
Maximum Instantaneous Forward Voltage
IF=8A ;Tj=25℃
1.3
V
IR*
Maximum Instantaneous Reverse Current
VR= VRWM;
Tj=25℃
VR= VRWM;
Tj=100℃
10
150
μ
A
trr
Maximum Reverse Recovery Time
IF=0.5A,IR=1A,IRR=0.25A
50
ns
*:Pulse test ,Pulse width=300us,duty cycle≤2%



Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com