전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SF1608CT 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 SF1608CT
상세설명  Ultra fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SF1608CT 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  SF1608CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited SF1608CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Ultra fast Rectifier
SF1608CT
FEATURES
·
Super fast switching time for high efficiency
·
Low forward voltage drop High current capability
·
Low reverse leakage current
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching power supply
·
Power switching circuits
·
General purpose
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
420
600
V
IF(AV)
Average Rectified Forward Current
Tc=75℃
16
A
IFSM
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions half-
wave, single phase, 60Hz)
300
A
TJ
Junction Temperature
-55~150
Tstg
Storage Temperature Range
-55~150


유사한 부품 번호 - SF1608CT

제조업체부품명데이터시트상세설명
logo
Gaomi Xinghe Electronic...
SF1608 GXELECTRONICS-SF1608 Datasheet
364Kb / 2P
REVERSE VOLTAGE - 50 to 600Volts FORWARD CURRENT - 16.0 Amperes
logo
ASEMI TECHNOLOGY., LTD
SF1608 ASEMI-SF1608 Datasheet
282Kb / 2P
16A super fast recovery diode
2018.11 Rev.3.1
logo
Taiwan Semiconductor Co...
SF1608G TSC-SF1608G Datasheet
344Kb / 2P
16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1608G TSC-SF1608G Datasheet
610Kb / 2P
16.0 AMPS. Glass Passivated Super Fast Rectifiers
SF1608G TSC-SF1608G Datasheet
197Kb / 2P
16.0AMPS. Glass Passivated Super Fast Rectifiers
More results

유사한 설명 - SF1608CT

제조업체부품명데이터시트상세설명
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com