전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9528 데이터시트(PDF) 60 Page - Analog Devices

부품명 AD9528
상세설명  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9528 데이터시트(HTML) 60 Page - Analog Devices

Back Button AD9528 Datasheet HTML 56Page - Analog Devices AD9528 Datasheet HTML 57Page - Analog Devices AD9528 Datasheet HTML 58Page - Analog Devices AD9528 Datasheet HTML 59Page - Analog Devices AD9528 Datasheet HTML 60Page - Analog Devices AD9528 Datasheet HTML 61Page - Analog Devices AD9528 Datasheet HTML 62Page - Analog Devices AD9528 Datasheet HTML 63Page - Analog Devices AD9528 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
AD9528
Data Sheet
Rev. D | Page 60 of 67
Table 59. Ignore SYNC Enable
Address
Bits
Bit Name
Description
0x032B
7
Channel 7 ignore sync
0 = Channel 7 synchronizes to sync command.
1 = Channel 7 ignores sync command.
6
Channel 6 ignore sync
0 = Channel 6 synchronizes to sync command.
1 = Channel 6 ignores sync command.
5
Channel 5 ignore sync
0 = Channel 5 synchronizes to sync command.
1 = Channel 5 ignores sync command.
4
Channel 4 ignore sync
0 = Channel 4 synchronizes to sync command.
1 = Channel 4 ignores sync command.
3
Channel 3 ignore sync
0 = Channel 3 synchronizes to sync command.
1 = Channel 3 ignores sync command.
2
Channel 2 ignore sync
0 = Channel 2 synchronizes to sync command.
1 = Channel 2 ignores sync command.
1
Channel 1 ignore sync
0 = Channel 1 synchronizes to sync command.
1 = Channel 1 ignores sync command.
0
Channel 0 ignore sync
0 = Channel 0 synchronizes to sync command.
1 = Channel 0 ignores sync command.
0x032C
7
Reserved
Reserved.
6
PLL2 feedback N2 divider ignore
sync
0 = PLL2 N2 divider synchronizes to sync command
1 = PLL2 N2 divider ignores sync command
5
Channel 13 ignore sync
0 = Channel 13 synchronizes to sync command
1 = Channel 13 ignores sync command
4
Channel 12 ignore sync
0 = Channel 12 synchronizes to sync command
1 = Channel 12 ignores sync command
3
Channel 11 ignore sync
0 = Channel 11 synchronizes to sync command
1 = Channel 11 ignores sync command
2
Channel 10 ignore sync
0 = Channel 10 synchronizes to sync command
1 = Channel 10 ignores sync command
1
Channel 9 ignore sync
0 = Channel 9 synchronizes to sync command
1 = Channel 9 ignores sync command
0
Channel 8 ignore sync
0 = Channel 8 synchronizes to sync command
1 = Channel 8 ignores sync command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67