전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4152HVBCPZ 데이터시트(PDF) 3 Page - Analog Devices

부품명 ADF4152HVBCPZ
상세설명  High Voltage, Fractional-N/Integer N PLL Synthesizer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4152HVBCPZ 데이터시트(HTML) 3 Page - Analog Devices

  ADF4152HVBCPZ Datasheet HTML 1Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 2Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 3Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 4Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 5Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 6Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 7Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 8Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Data Sheet
ADF4152HV
Rev. 0 | Page 3 of 27
SPECIFICATIONS
AVDD = DVDD = SDVDD = 3.3 V ± 10%; VP = 6.0 V to 30 V; GND = 0 V; operating temperature range is TA = −40°C to +85°C, unless
otherwise noted. VCP is the voltage at the CPOUT pin.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REF
IN CHARACTERISTICS
Input Frequency
10
300
MHz
For f < 10 MHz, ensure slew rate > 21 V/µs
10
30
MHz
Reference doubler enabled (DB25 bit in
Register 2 is set to 1)
Input Sensitivity
0.7
AV
DD
V p-p
Biased at AV
DD/2; ac coupling ensures AVDD/2 bias
Input Capacitance
5.0
pF
Input Current
±60
µA
RF INPUT CHARACTERISTICS
For lower RF
IN± frequencies, ensure slew
rate > 400 V/µs
RF Input Frequency (RF
IN±)
RF Output Buffer Disabled
0.5
4.0
GHz
−10 dBm ≤ RF input power ≤ +5 dBm
0.5
5.0
GHz
−5 dBm ≤ RF input power ≤ +5 dBm
RF Output Buffer Enabled
0.5
3.5
GHz
−10 dBm ≤ RF input power ≤ +5 dBm
RF Output Buffer and Dividers
Enabled
0.5
3.0
GHz
−10 dBm ≤ RF input power ≤ +5 dBm
Prescaler Output Frequency
750
MHz
PHASE DETECTOR
Phase Detector Frequency
26
MHz
Low noise mode
20
MHz
Low spur mode
26
MHz
Integer N mode
HIGH VOLTAGE CHARGE PUMP
Charge Pump Current, I
CP
Sink/Source
High Value
384
µA
R
SET = 5.1 kΩ
Low Value
48
µA
R
SET = 5.1 kΩ
High Value vs. R
SET
196
µA
R
SET = 10 kΩ
594
µA
R
SET = 3.3 kΩ
R
SET Range
3.3
10
kΩ
Sink and Source Current Matching
6
%
1.0 V ≤ V
CP ≤ (VP − 1.0 V); VP = 6 V to 30 V
Absolute I
CP Accuracy
3
%
I
CP vs. VCP
2.5
%
1.0 V ≤ V
CP ≤ (VP − 1.0 V)
I
CP vs. Temperature
2.5
%
V
CP = VP/2
I
CP Leakage
2.5
nA
V
CP = VP/2
LOGIC INPUTS
Input Voltage
High, V
INH
2.0
V
Low, V
INL
0.6
V
Input Current, I
INH/IINL
±1
µA
Input Capacitance, C
IN
15.0
pF
LOGIC OUTPUTS
Output Voltage
High, V
OH
DV
DD − 0.4
V
CMOS output selected
Low, V
OL
0.4
V
I
OL = 500 µA
Output High Current, I
OH
500
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com