전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADF4152HVBCPZ 데이터시트(PDF) 21 Page - Analog Devices

부품명 ADF4152HVBCPZ
상세설명  High Voltage, Fractional-N/Integer N PLL Synthesizer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADF4152HVBCPZ 데이터시트(HTML) 21 Page - Analog Devices

Back Button ADF4152HVBCPZ Datasheet HTML 17Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 18Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 19Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 20Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 21Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 22Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 23Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 24Page - Analog Devices ADF4152HVBCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
ADF4152HV
Rev. 0 | Page 21 of 27
Figure 27. PLL Loop Closed Before Output Divider
To minimize VCO feedthrough, the 3 GHz VCO is selected. A
channel resolution (fRESOUT) of 500 kHz is required at the output
of the RF divider. Therefore, the channel resolution at the output
of the VCO (fRES) must be 2 × fRESOUT, that is, 1 MHz.
MOD = REFIN/fRES
MOD = 25 MHz/1 MHz = 25
From Equation 4,
fPFD = (25 MHz × (1 + 0)/1) = 25 MHz
(5)
From Equation 3,
1500.5 MHz = 25 MHz × ((INT + (FRAC/25))/2)
(6)
where:
INT = 120.
FRAC = 1.
The RF divider value is fixed at 2.
Use the ADF4152HV evaluation software to determine integer
and fractional values for a given setup, as well as the actual
register settings to be programmed.
REFERENCE DOUBLER AND REFERENCE DIVIDER
The on-chip reference doubler allows the input reference signal
to be doubled. Doubling the reference signal doubles the PFD
comparison frequency, which improves the noise performance
of the system. Doubling the PFD frequency usually improves
noise performance by 3 dB. Note that the PFD cannot operate
above 26 MHz due to a limitation in the speed of the Σ-Δ circuit
of the N divider.
The reference divide by 2 divides the reference signal by 2,
resulting in a 50% duty cycle PFD frequency. The 50% duty
cycle PFD frequency is necessary for the correct operation of
the charge pump boost mode. For more information, see the
Boost Enable section.
12-BIT PROGRAMMABLE MODULUS
The choice of modulus (MOD) depends on the reference signal
(REFIN) available and the channel resolution at RFOUT (fRESOUT)
required at the RF output. For example, a GSM system with
13 MHz REFIN sets the modulus to 65, which means that the RF
output resolution (fRESOUT) is the 200 kHz (13 MHz/65) neces-
sary for GSM. With dither off, the fractional spur interval
depends on the modulus values chosen (see Table 8).
Unlike most other fractional-N PLLs, the ADF4152HV allows
the user to program the modulus over a 12-bit range. When
combined with the reference doubler and the 10-bit R counter,
the 12-bit modulus allows the user to set up the device in many
different configurations for the application.
For example, consider an application that requires a 1.75 GHz
RF frequency output with a 200 kHz channel step resolution.
The system has a 13 MHz reference signal.
One possible setup is to feed the 13 MHz reference signal
directly into the PFD and to program the modulus to divide
by 65. This setup results in the required 200 kHz resolution.
Another possible setup is to use the reference doubler to create
26 MHz from the 13 MHz input signal. The 26 MHz is then fed
into the PFD, and the modulus is programmed to divide by 130.
This setup also results in 200 kHz resolution but offers superior
phase noise performance over the first setup.
The programmable modulus is also very useful for multistandard
applications with different channel spacing requirements.
It is important that the PFD frequency remain constant (in this
example, 13 MHz). The constant PFD frequency allows the user
to design one loop filter for both setups without encountering
stability issues. Note that the ratio of the RF frequency to the
PFD frequency principally affects the loop filter design, and not
the actual channel spacing.
SPURIOUS OPTIMIZATION AND BOOST MODE
Narrow loop bandwidths can filter unwanted spurious signals,
but these bandwidths usually have a long lock time. A wider
loop bandwidth achieves faster lock times, but may lead to
increased spurious signals inside the loop bandwidth.
The boost mode feature can achieve the same fast lock time as
the wider bandwidth, but with the advantage of a narrow final
loop bandwidth to keep spurs low (see the Boost Enable section).
SPUR MECHANISMS
This section describes the three different spur mechanisms that
arise with a fractional-N synthesizer and how to minimize them
in the ADF4152HV.
Fractional Spurs
The fractional interpolator in the ADF4152HV is a third-order,
Σ-Δ modulator with a modulus (MOD) that is programmable to
any integer value from 2 to 4095. In low spur mode (dither on),
the minimum allowable value of MOD is 50. The Σ-Δ modulator
is clocked at the PFD reference rate (fPFD), which allows PLL out-
put frequencies to be synthesized at a channel step resolution
of fPFD/MOD.
In low noise mode (dither off), the quantization noise from the
Σ-Δ modulator appears as fractional spurs. The interval between
spurs is fPFD/L, where L is the repeat length of the code sequence
in the digital Σ-Δ modulator. For the third-order Σ-Δ modulator
used in the ADF4152HV, the repeat length depends on the value
of MOD, as listed in Table 8.
fPFD
PFD
VCO
N
DIVIDER
÷2
RFOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com