| 전자부품 데이터시트 검색엔진 |
|
V680-HS65-R-2M 데이터시트(PDF) 15 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS65-R-2M 데이터시트(HTML) 15 Page - Omron Electronics LLC |
|
15 / 59 page ![]() 15 V680 Series Handheld Reader Writers Note: Refer to the User’s Manual (Cat. No. Z272) for details. Contact your OMRON sales representative for details on drivers for Windows. * This does not include the connector section. The main unit is not resistant to chemical or oils. AC Adapter (for V680-CH1D) Item Model V680-CHUD 0.8M V680-CHUD 1.9M V680-CH1D V680-CH1D-PSI Power supply voltage 5 VDC ± 5% (at the connector section of the product) Current consumption 500 mA max. (for a power supply voltage of 5.0 V) Communications specifications USB (Series A plug) Ver.1.1 RS-232C (D-SUB 9-pin) compatible with IBM PC/ AT) RS-232C (D-SUB 9-pin) Ambient operating temperature during communication 0 to +40°C Ambient storage temperature −25 to +65°C Ambient operating humidity during communication 35% to 85% (with no condensation) Insulation resistance 50 M Ω min. (at 500 VDC) between connector and case Dielectric strength 1,000 VAC, 50/60 Hz for 1 min (leakage current: 1 mA max.) between connectors and case Degree of protection IEC 60529: IP63 * Vibration resistance Destruction: 10 to 150 Hz variable vibration, 0.2-mm double amplitude and 15 m/s2 acceleration with 10 sweeps for 8 min each in 6 directions Shock resistance Destruction: 150 m/s2, 3 times each in X, Y, and Z directions Weight Approx. 110 g (including connector and cable) Approx. 140 g (including connector and cable) Approx. 170 g (including connector and cable) Approx. 120 g (including connector and cable) Cable length 0.8 m 1.9 m 2.5 m 0.8 m Item Model V600-A22 Input voltage 100 to 120 VAC at 50/60 Hz Input current AC: 300 mA (at load current of 2.0 A) Output voltage DC5V ± 0.25V Ambient operating temperature 0 to +40°C Ambient storage temperature −20 to +85°C (with no icing) Ambient operating humidity 5% to 95% (with no condensation) Insulation resistance 100 M Ω min. (at 500 VDC) between input terminals and output terminals Dielectric strength 2,000 V for 1 minute between input terminals and output terminals with a current leakage of 10 mA max. Weight Approx. 70 g Applicable standards UL |