| 전자부품 데이터시트 검색엔진 |
|
V680-HS65-R-2M 데이터시트(PDF) 31 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS65-R-2M 데이터시트(HTML) 31 Page - Omron Electronics LLC |
|
31 / 59 page ![]() 31 V680 Series V680-HS52 (embedded in non-metallic material) & V680-D1KP54T (mounted on non-metallic material) V680-HS63 (mounted on non-metallic material) & V680-D1KP54T (mounted on non-metallic material) V680-HS65 (mounted on metallic material) & V680-D1KP54T (mounted on non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D1KP66T (mounted on non-metallic material) V680-HS63 (mounted on non-metallic material) & V680-D1KP66T (mounted on non-metallic material) V680-HS65 (mounted on metallic material) & V680-D1KP66T (mounted on non-metallic material) V680-H01-V2 (mounted on non-metallic material) & V680-D1KP66T (mounted on non-metallic material) V680-HS52 (embedded in non-metallic material) & V680-D1KP66T-SP (mounted on non-metallic material) V680-HS63 (mounted on non-metallic material) & V680-D1KP66T-SP (mounted on non-metallic material) 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y Read Write 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y Read Write X Y 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y Read Write X Y 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y Read Write 0 –150 –250 –100 –50 50 100 150 X –200 200 50 100 150 200 Y Read Write Y X 0 –30 –40 –20 –10 10 20 30 X 20 30 10 Y Read Write X Y 0 –60 –100 –40 –20 20 40 60 X –80 80 40 60 80 20 100 Y X Y Read Write |