전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBM29PL64LM10PCN 데이터시트(PDF) 36 Page - SPANSION

부품명 MBM29PL64LM10PCN
상세설명  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM10PCN 데이터시트(HTML) 36 Page - SPANSION

Back Button MBM29PL64LM10PCN Datasheet HTML 32Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 33Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 34Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 35Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 36Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 37Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 38Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 39Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 40Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
MBM29PL64LM90/10
35
s
s
s
s MAXIMUM OVERSHOOT/MAXIMUM UNDERSHOOT
Maximum Undershoot Waveform
+0.6 V
–0.5 V
20 ns
–2.0 V
20 ns
20 ns
Maximum Overshoot Waveform 1
0.7
× VCC
VCC +0.5 V
20 ns
VCC +2.0 V
20 ns
20 ns
Maximum Overshoot Waveform 2
VCC +0.5 V
+12.5 V
20 ns
+14.0 V
20 ns
20 ns
Note: This waveform is applied for A9, OE, RESET, and ACC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com