전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBM29PL64LM10PCN 데이터시트(PDF) 15 Page - SPANSION

부품명 MBM29PL64LM10PCN
상세설명  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM10PCN 데이터시트(HTML) 15 Page - SPANSION

Back Button MBM29PL64LM10PCN Datasheet HTML 11Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 12Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 13Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 14Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 15Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 16Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 17Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 18Page - SPANSION MBM29PL64LM10PCN Datasheet HTML 19Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
MBM29PL64LM90/10
14
(Continued)
Sector
A21 A20 A19 A18 A17 A16 A15
Sector size
(Kbytes/
Kwords)
(
××××8)
Address Range
(
××××16)
Address Range
SA31
0
011111
64/32
1F0000h to 1FFFFFh
0F8000h to 0FFFFFh
SA32
0
100000
64/32
200000h to 20FFFFh
100000h to 107FFFh
SA33
0
100001
64/32
210000h to 21FFFFh
108000h to 10FFFFh
SA34
0
100010
64/32
220000h to 22FFFFh
110000h to 117FFFh
SA35
0
100011
64/32
230000h to 23FFFFh
118000h to 11FFFFh
SA36
0
100100
64/32
240000h to 24FFFFh
120000h to 127FFFh
SA37
0
100101
64/32
250000h to 25FFFFh
128000h to 12FFFFh
SA38
0
100110
64/32
260000h to 26FFFFh
130000h to 137FFFh
SA39
0
100111
64/32
270000h to 27FFFFh
138000h to 13FFFFh
SA40
0
101000
64/32
280000h to 28FFFFh
140000h to 147FFFh
SA41
0
101001
64/32
290000h to 29FFFFh
148000h to 14FFFFh
SA42
0
101010
64/32
2A0000h to 2AFFFFh
150000h to 157FFFh
SA43
0
101011
64/32
2B0000h to 2BFFFFh
158000h to 15FFFFh
SA44
0
101100
64/32
2C0000h to 2CFFFFh
160000h to 167FFFh
SA45
0
101101
64/32
2D0000h to 2DFFFFh
168000h to 16FFFFh
SA46
0
101110
64/32
2E0000h to 2EFFFFh
170000h to 177FFFh
SA47
0
101111
64/32
2F0000h to 2FFFFFh
178000h to 17FFFFh
SA48
0
110000
64/32
300000h to 30FFFFh
180000h to 187FFFh
SA49
0
110001
64/32
310000h to 31FFFFh
188000h to 18FFFFh
SA50
0
110010
64/32
320000h to 32FFFFh
190000h to 197FFFh
SA51
0
110011
64/32
330000h to 33FFFFh
198000h to 19FFFFh
SA52
0
110100
64/32
340000h to 34FFFFh
1A0000h to 1A7FFFh
SA53
0
110101
64/32
350000h to 35FFFFh
1A8000h to 1AFFFFh
SA54
0
110110
64/32
360000h to 36FFFFh
1B0000h to 1B7FFFh
SA55
0
110111
64/32
370000h to 37FFFFh
1B8000h to 1BFFFFh
SA56
0
111000
64/32
380000h to 38FFFFh
1C0000h to 1C7FFFh
SA57
0
111001
64/32
390000h to 39FFFFh
1C8000h to 1CFFFFh
SA58
0
111010
64/32
3A0000h to 3AFFFFh
1D0000h to 1D7FFFh
SA59
0
111011
64/32
3B0000h to 3BFFFFh
1D8000h to 1DFFFFh
SA60
0
111100
64/32
3C0000h to 3CFFFFh
1E0000h to 1E7FFFh
SA61
0
111101
64/32
3D0000h to 3DFFFFh
1E8000h to 1EFFFFh
SA62
0
111110
64/32
3E0000h to 3EFFFFh
1F0000h to 1F7FFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com