전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML9203 데이터시트(PDF) 21 Page - OKI electronic componets

부품명 ML9203
상세설명  5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OKI [OKI electronic componets]
홈페이지  http://www.oki.com
Logo OKI - OKI electronic componets

ML9203 데이터시트(HTML) 21 Page - OKI electronic componets

Back Button ML9203 Datasheet HTML 17Page - OKI electronic componets ML9203 Datasheet HTML 18Page - OKI electronic componets ML9203 Datasheet HTML 19Page - OKI electronic componets ML9203 Datasheet HTML 20Page - OKI electronic componets ML9203 Datasheet HTML 21Page - OKI electronic componets ML9203 Datasheet HTML 22Page - OKI electronic componets ML9203 Datasheet HTML 23Page - OKI electronic componets ML9203 Datasheet HTML 24Page - OKI electronic componets ML9203 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
¡ Semiconductor
ML9203-xx
21/30
5. Display duty set
(writes display duty value to duty cycle register)
Display duty adjusts brightness in 1024 stages using 10-bit data.
When power is turned on or when the RESET signal is input, the duty cycle register value is
"0". Always execute this instruction before turning the display on, then set a desired duty
value.
[Command format]
D0 (LSB) to D9 (MSB) : Display duty data (10 bits: 1024 stages)
* : Don't care
[Relation between setup data and controlled COM duty]
D0 D1
**1010
B0 B1 B2 B3 B4 B5 B6 B7
1st byte
LSB
MSB
: selects display duty set mode and sets duty value (lower 2 bits)
D2 D3 D4 D5 D6 D7 D8 D9
B0 B1 B2 B3 B4 B5 B6 B7
2nd byte
(2nd)
LSB
MSB
: sets duty value (upper 8 bits)
HEX
D0
D1
D2
COM duty
000
0
0
0
0/1024
001
1
0
0
1/1024
002
0
1
0
2/1024
3CE
0
1
1
974/1024
3CF
1
1
1
975/1024
3D0
0
0
0
976/1024
3D1
1
0
0
976/1024
3FF
1
1
1
976/1024
D3
0
0
0
1
1
0
0
1
D4
0
0
0
0
0
1
1
1
D5
0
0
0
0
0
0
0
1
D6
0
0
0
1
1
1
1
1
D7
0
0
0
1
1
1
1
1
D8
0
0
0
1
1
1
1
1
D9
0
0
0
1
1
1
1
1
The state when power is turned on or when RESET signal is input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31