전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML9203 데이터시트(PDF) 1 Page - OKI electronic componets

부품명 ML9203
상세설명  5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OKI [OKI electronic componets]
홈페이지  http://www.oki.com
Logo OKI - OKI electronic componets

ML9203 데이터시트(HTML) 1 Page - OKI electronic componets

  ML9203 Datasheet HTML 1Page - OKI electronic componets ML9203 Datasheet HTML 2Page - OKI electronic componets ML9203 Datasheet HTML 3Page - OKI electronic componets ML9203 Datasheet HTML 4Page - OKI electronic componets ML9203 Datasheet HTML 5Page - OKI electronic componets ML9203 Datasheet HTML 6Page - OKI electronic componets ML9203 Datasheet HTML 7Page - OKI electronic componets ML9203 Datasheet HTML 8Page - OKI electronic componets ML9203 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
¡ Semiconductor
ML9203-xx
1/30
¡ Semiconductor
ML9203-xx
5
¥ 7 Dot Character ¥ 16-Digit ¥ 2-Line Display Controller/Driver with Character RAM
GENERAL DESCRIPTION
The ML9203-xx is a 5 ¥ 7 dot matrix type vacuum fluorescent display tube controller driver IC
which displays characters, numerics and symbols of a maximum of 16 digits ¥ 2 lines.
Dot matrix vacuum fluorescent display tube drive signals are generated by serial data sent from
a micro-controller. A display system is easily realized by internal ROM and RAM for character
display.
The ML9203-xx has low power consumption since it is made by CMOS process technology.
-01 is available as a general-purpose code.
Custom codes are provided on customer's request.
FEATURES
• Logic power supply (VDD)
: 3.3 V
±10% or 5.0 V±10%
• VFD tube drive power supply (VDISP)
: 20 to 60 V
• VFD driver output current
(VFD driver output can be connected directly to the VFD tube. No pull-down resistor is
required.)
- Segment driver (SEGA1 to A35, SEGB1 to B35)
Only one driver output is high
: –5 mA (VDISP=60V)
All the driver outputs are high
: –350 mA (VDISP=60V)
- Segment driver (ADA, ADB)
: –20 mA (VDISP=60V)
- Grid driver (COM1 to 16)
: –50 mA (VDISP=60V)
• Content of display
SEGA1 to SEGA35 and ADA
- CGROM_A 5¥7 dots
: 240 types (character data)
- CGRAM_A 5¥7 dots
: 16 types (character data)
- ADRAM_A 16 (display digit) ¥ 1 bit (symbol data; can be used for a cursor.)
- DCRAM_A 16 (display digit) ¥ 8 bits (register for character data display)
SEGB1 to SEGB35 and ADB
- CGROM_B 5¥7 dots
: 240 types (character data)
- CGRAM_B 5¥7 dots
: 16 types (character data)
- ADRAM_B 16 (display digit) ¥ 1 bit (symbol data; can be used for a cursor.)
- DCRAM_B 16 (display digit) ¥ 8 bits (register for character data display)
• Display control function
- Display digit
: 1 to 16 digits
- Display duty (brightness adjustment)
: 0 to 1024 stages
- All lights ON/OFF
• 3 interfaces with microcontroller
: DA, CS, CP (4 interfaces when RESET is added)
• Built-in oscillation circuit
Crystal oscillation or ceralock oscillation : 4.0 MHz (Typ)
• Package options:
100-pin plastic QFP (QFP100-P-1420-0.65-BK) (Product name: ML9203-xxGA)
E2C0041-19-64
This version: Jun. 1999


유사한 부품 번호 - ML9203

제조업체부품명데이터시트상세설명
logo
Panasonic Battery Group
ML920 PANASONICBATTERY-ML920 Datasheet
38Kb / 1P
Manganese Lithium Coin Batteries
logo
OKI electronic componet...
ML9204 OKI-ML9204 Datasheet
288Kb / 41P
5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)
ML9204-XX OKI-ML9204-XX Datasheet
288Kb / 41P
5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9206 OKI-ML9206 Datasheet
355Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
More results

유사한 설명 - ML9203

제조업체부품명데이터시트상세설명
logo
OKI electronic componet...
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9206 OKI-ML9206 Datasheet
355Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSC7128 OKI-MSC7128 Datasheet
200Kb / 27P
5 x 7-Dot Character x 16-Digit Display Controller/Driver
MSM9202-01 OKI-MSM9202-01 Datasheet
345Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9200-XX OKI-MSM9200-XX Datasheet
315Kb / 34P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9208 OKI-ML9208 Datasheet
337Kb / 33P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
logo
Princeton Technology Co...
PT6301 PTC-PT6301 Datasheet
75Kb / 4P
5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
PT6301 PTC-PT6301_10 Datasheet
75Kb / 4P
5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
logo
List of Unclassifed Man...
ML9208A-02 ETC2-ML9208A-02 Datasheet
639Kb / 35P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
LAPIS Semiconductor Co....
ML9208-XX LAPIS-ML9208-XX Datasheet
262Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com