전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSC1201 데이터시트(PDF) 6 Page - OKI electronic componets

부품명 MSC1201
상세설명  60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OKI [OKI electronic componets]
홈페이지  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1201 데이터시트(HTML) 6 Page - OKI electronic componets

Back Button MSC1201 Datasheet HTML 2Page - OKI electronic componets MSC1201 Datasheet HTML 3Page - OKI electronic componets MSC1201 Datasheet HTML 4Page - OKI electronic componets MSC1201 Datasheet HTML 5Page - OKI electronic componets MSC1201 Datasheet HTML 6Page - OKI electronic componets MSC1201 Datasheet HTML 7Page - OKI electronic componets MSC1201 Datasheet HTML 8Page - OKI electronic componets MSC1201 Datasheet HTML 9Page - OKI electronic componets MSC1201 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
¡ Semiconductor
MSC1201-xx
6/20
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage
VDD
–0.3 to +20
V
All inputs
Input Voltage
VIN
–0.3 to +6
V
Storage Temperature Range
TSTG
–65 to +150
°C
Ta = 85°C
Power Dissipation
PD
0.4
W
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Max.
Unit
Supply Voltage
VDD
18
V
Typ.
All inputs except OSC0, VK
High Level Input Voltage (1)
VIH1
5.5
V
Min.
8
3.8
VK
High Level Input Voltage (2)
VIH2
VDD
V
3.8
OSC0
High Level Input Voltage (3)
VIH3
5.5
V
4.5
All inputs except OSC0
Low Level Input Voltage (1)
VIL1
0.8
V
0
OSC0
Low Level Input Voltage (2)
VIL2
0.5
V
0
Clock Frequency
fC
250
kHz
R = 4.7k
W, C=22pF
OSC Frequency
fOSC
MHz
2
fOSC = 2 MHz
Frame Frequency
FFR
—Hz
224
Operating Temperature Range
Top
85
˚C
–40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com