전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSC1201 데이터시트(PDF) 13 Page - OKI electronic componets

부품명 MSC1201
상세설명  60-Bit VFD Tube Driver with Digital Dimming and PWM Conversion Function
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OKI [OKI electronic componets]
홈페이지  http://www.oki.com
Logo OKI - OKI electronic componets

MSC1201 데이터시트(HTML) 13 Page - OKI electronic componets

Back Button MSC1201 Datasheet HTML 9Page - OKI electronic componets MSC1201 Datasheet HTML 10Page - OKI electronic componets MSC1201 Datasheet HTML 11Page - OKI electronic componets MSC1201 Datasheet HTML 12Page - OKI electronic componets MSC1201 Datasheet HTML 13Page - OKI electronic componets MSC1201 Datasheet HTML 14Page - OKI electronic componets MSC1201 Datasheet HTML 15Page - OKI electronic componets MSC1201 Datasheet HTML 16Page - OKI electronic componets MSC1201 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
¡ Semiconductor
MSC1201-xx
13/20
PWM Conversion
In the PWM conversion mode, "lamp PWM", which is used for dimming control of back-light for
instrument clusters or other displays, is used to generate the PWM signal for VFD tube dimming
control. The lamp PWM input to "PWM IN" pin is converted to PWM signal for VFD tube with
a built-in PWM conversion look-up table (User-Programmable Mask ROM).
The duty cycle of the lamp PWM is defined as follows:
A
PWMIN
B5V
PWM Input Frequency = 256 ± 80Hz
Duty Cycle = A / (A+B)
Note: The duty cycle of the lamp PWM signal is measured with a reference point of 2.5 V typ.
As the reference point of 2.5 V is the threshold voltage of "PWM IN" pin, it deviates to
some value between 0.8 V and 3.8 V due to process parameter deviation. Therefore, the
PWM conversion error increases as the rise/fall time of the lamp PWM increases.
GRID/SEG Driver Operation and Digital/Analog Dimming Operation
Figure 6 shows an output timing of the GRID and SEG Driver when the VK is "H" level.
Output timings of the GRID and SEG drivers are shown in figure 7 for the digital dimming mode
operation in figure 8 for the PWM conversion mode operation.
(1) GRID and SEG drivers output timings when VK = "H"
GRID1
GRID2
SEG1-30
1 Frame (4096-bit times)
fFR
16-bit times
2032-bit times
6-bit times
2038-bit times
10-bit times
Fig. 6 GRID and SEG Output Timing (VK = "H")
Note: One bit time = 2/fOSC = 1 ms typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com