전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EAIRMMA2 데이터시트(PDF) 3 Page - Everlight Electronics Co., Ltd

부품명 EAIRMMA2
상세설명  Infrared Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAIRMMA2 데이터시트(HTML) 3 Page - Everlight Electronics Co., Ltd

  EAIRMMA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Ta=25℃) *1
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
6
V
Operating Temperature
Topr
-20 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Soldering Temperature *2
Tsol
260
**1 Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional
operation of the device is not implied at these or any other conditions in excess of those given in the operational
sections of this document. Exposure to absolute maximum ratings for extended periods of the time can adversely
affect reliability.
*2 Soldering time≦5 seconds
Electro-Optical Characteristics (Ta=25℃and Vcc=3.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Current consumption
Icc
---
0.4
0.6
mA
No input signal
Supply voltage
VCC
2.7
---
5.5
V
Peak wavelength
λp
---
940
---
nm
Reception range
L0
8
---
---
m
See chapter
'Test method' *3
L45
5
---
---
Half angle(horizontal)
φh
---
±45
---
deg
Half angle(vertical)
φv
---
±45
---
deg
High level pulse width
TH
400
---
800
μs
Test signal
according to
figure 1*4
Low level pulse width
TL
400
---
800
μs
High level output voltage
VOH
Vcc-0.4
---
---
V
ISOURCE≦1μA
Low level output voltage
VOL
---
0.2
0.5
V
ISINK≦2mA
*3 The ray receiving surface at a vertex and relation to the ray axis in the range of θ=0° and θ=45°.
*4 A range from 30cm to the arrival distance. Average value of 50 pulses.
DATASHEET
EAIRMMA2
Page 3 of 8
Rev. 0.01
Ver.:6
Release Date:12/28/2016
狀態:Approved(正式發行)
 



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com