전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EAIRMMA2 데이터시트(PDF) 7 Page - Everlight Electronics Co., Ltd

부품명 EAIRMMA2
상세설명  Infrared Receiver Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAIRMMA2 데이터시트(HTML) 7 Page - Everlight Electronics Co., Ltd

  EAIRMMA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAIRMMA2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Code information
Protocol
Suitable
Protocol
Suitable
JVC
Yes
Sharp
Yes
Matsushita
Yes
Sony 12 bit2)
Yes
Mitsubishi
No
Sony 15 bit
No
NEC
Yes
Sony 20 bit
No
RC5
Yes
Toshiba
Yes
RC61)
Yes
Continuous Code
No
RCA
No
1) Best choice depends on RC6 mode. If data low time is below 22ms, M2 is the best choice, otherwise M3.
2) If only Sony 12 bit version is used, M3 is recommended otherwise M2 is the best choice.
Tape & Reel Packing Specifications
(Dimensions in mm)
Packing Quantity
2000 pcs / Box
5 Boxes / Carton
DATASHEET
EAIRMMA2
Page 7 of 8
Rev. 0.01
Ver.:6
Release Date:12/28/2016
狀態:Approved(正式發行)
 



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com