| 전자부품 데이터시트 검색엔진 |
|
IX6611T 데이터시트(PDF) 12 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IX6611T 데이터시트(HTML) 12 Page - IXYS Corporation |
|
12 / 15 page ![]() 12 PRELIMINARY R00A IX6611 shoot-through in the large output P-channel and N-channel devices. The Gate Control Logic block also receives power supply status, IGBT over-current status, and IGBT collector over-voltage status signals. Based on these signals the output stage is conditioned accordingly as shown in Figure 2 on page 9, Figure 3 on page 9, Figure 4 on page 10 and Figure 5 on page 10. If a supply under-voltage or a supply over-voltage fault event is detected during the leading edge of the input PWM gate drive cycle, then the driver is disabled for the entire duration of the cycle. Normal operation resumes at the beginning of the next cycle only if there is no supply fault condition. If an IGBT over-current fault occurs during the ON time of the PWM cycle, then the IGBT driver output is forced low for the remainder of the cycle. Normal operation resumes at the beginning of the next PWM gate drive cycle. During the OFF time of the IGBT driver, if an IGBT collector over-voltage fault occurs, then for the remainder of the cycle the output PFET is turned off and the output NFET state is controlled by the ACL comparator as shown in the Figure 5 on page 10. Normal operation resumes at the beginning of the next PWM gate drive cycle. 3.1.4 IGBT Drive Outputs IX6611 contains separate 10A peak source and sink outputs. Separated sink and source outputs allow independent gate charge and discharge control without an external diode. The internal dead-time circuit eliminates the cross conduction of the source and sink outputs. 3.1.5 Over Current Comparator IX6611 contains an Over Current Comparator (OC COMP) with a 300mV threshold. This comparator is used for sensing over-current conditions in the external IGBT. Emitter current sense can be implemented either by using a low value current shunt or an IGBT with a secondary current sense output. The current-sense method works well for high gain IGBTs that do not have inherent short circuit protection. Careful application board layout is mandatory due to low sense voltage. Traditional de-saturation protection can also be implemented using a large ratio resistor divider connected across the collector and the emitter. A noise filter (RC) at the current sense input may be required due to low sense voltage. 3.1.6 Leading Edge Blanking Circuit To prevent false tripping of the OC Comparator, its input is grounded for a fixed amount of time during the turn-on of the IGBT. Leading Edge Blanking Circuit sets the blanking time and it is programmable through an external capacitor. The OC Comparator input is also grounded during the off time of the driver. 3.1.7 Active Clamp Comparator IX6611 contains an Active Clamp Comparator (ACL COMP) with a 3.1V threshold that can be used for implementing an advanced active clamping technique as shown in application circuit diagram Figure 6 on page 11. ACL COMP threshold is with respect to VEE. During the turn off of the IGBT, the ACL comparator can detect an over voltage, if the collector voltage rises above the breakdown voltage of the diode connected at the collector. In the over voltage condition the ACL comparator forces the gate driver output to a tri-state condition and the IGBT starts to turn on due to the break down diode current charging the IGBT gate. Once the IGBT turns on, its collector voltage falls, the diode recovers from break down, and the ACL comparator turns on the NMOS output and forces the IGBT gate low. This sequence may repeat several times until the energy in the external inductance is dissipated. ACL comparator is active only when the driver output PFET is OFF. 3.1.8 Thermal Shutdown (THSD) IX6611 contains a Thermal Shutdown circuit to protect the device against the damage due to excessive die temperature. When the junction temperature exceeds 150°C, the input signals to the gate driver and the ACL comparator are disabled and the gate driver output is forced low. Device resumes normal operation when the junction temperature falls below 130°C. 3.1.9 Output Fault Pulse Generator An IGBT over current fault event can occur any time during the ON time of the gate drive signal. When an |