전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IX6611T 데이터시트(PDF) 14 Page - IXYS Corporation

부품명 IX6611T
상세설명  IGBT Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6611T 데이터시트(HTML) 14 Page - IXYS Corporation

Back Button IX6611T Datasheet HTML 7Page - IXYS Corporation IX6611T Datasheet HTML 8Page - IXYS Corporation IX6611T Datasheet HTML 9Page - IXYS Corporation IX6611T Datasheet HTML 10Page - IXYS Corporation IX6611T Datasheet HTML 11Page - IXYS Corporation IX6611T Datasheet HTML 12Page - IXYS Corporation IX6611T Datasheet HTML 13Page - IXYS Corporation IX6611T Datasheet HTML 14Page - IXYS Corporation IX6611T Datasheet HTML 15Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14
PRELIMINARY
R00A
IX6611
4. Manufacturing Information
4.1 Moisture Sensitivity
All plastic encapsulated semiconductor packages are susceptible to moisture ingression. IXYS
Corporation
classified all of its plastic encapsulated devices for moisture sensitivity according to the
latest version of the joint industry standard, IPC/JEDEC J-STD-020, in force at the time of product
evaluation. We test all of our products to the maximum conditions set forth in the standard, and guarantee
proper operation of our devices when handled according to the limitations and information in that standard as well as
to any limitations set forth in the information or standards referenced below.
Failure to adhere to the warnings or limitations as established by the listed specifications could result in reduced
product performance, reduction of operable life, and/or reduction of overall reliability.
This product carries a Moisture Sensitivity Level (MSL) classification as shown below, and should be handled
according to the requirements of the latest version of the joint industry standard IPC/JEDEC J-STD-033.
4.2 ESD Sensitivity
This product is ESD Sensitive, and should be handled according to the industry standard JESD-625.
4.3 Soldering Profile
Provided in the table below is the Classification Temperature (TC) of this product and the maximum dwell time the
body temperature of this device may be above (TC - 5)ºC. The classification temperature sets the Maximum Body
Temperature allowed for this device during lead-free reflow processes. For through hole devices, and any other
processes, the guidelines of J-STD-020 must be observed.
4.4 Board Wash
IXYS
Corporation recommends the use of no-clean flux formulations. Board washing to reduce or
remove flux residue following the solder reflow process is acceptable provided proper precautions are taken to
prevent damage to the device. These precautions include, but are not limited to: using a low pressure wash and
providing a follow up bake cycle sufficient to remove any moisture trapped within the device due to the washing
process. Due to the variability of the wash parameters used to clean the board, determination of the bake temperature
and duration necessary to remove the moisture trapped within the package is the responsibility of the user
(assembler). Cleaning or drying methods that employ ultrasonic energy may damage the device and should not be
used. Additionally, the device must not be exposed to flux or solvents that are Chlorine- or Fluorine-based.
Device
Moisture Sensitivity Level (MSL) Classification
IX6611T
MSL 1
Device
Classification Temperature (TC)
Dwell Time (tp)
Max Reflow Cycles
IX6611T
260°C
30 seconds
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com