전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8577 데이터시트(PDF) 2 Page - AVX Corporation

부품명 8577
상세설명  Female Style 1/2 R High Temperature
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

8577 데이터시트(HTML) 2 Page - AVX Corporation

  8577 Datasheet HTML 1Page - AVX Corporation 8577 Datasheet HTML 2Page - AVX Corporation 8577 Datasheet HTML 3Page - AVX Corporation 8577 Datasheet HTML 4Page - AVX Corporation 8577 Datasheet HTML 5Page - AVX Corporation 8577 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
105
No. Contact
Contact
Positions
Rows
A
B
C
D
E
F
48
3 (3 x 16)
15
38.10
44.70
47.29
49.99
54.91
(1.500)
(1.760)
(1.862)
(1.968) (2.162)
Male Style 1/2 R High Temperature
Series 8577 – 3 rows (3 x 16) Inverted
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
48
a + b + c fully loaded
10 8577 048 001 025
10 8577 048 001 049
32
a + c fully loaded
10 8577 048 001 026
10 8577 048 001 050
16
a + c even loading
10 8577 048 001 033
10 8577 048 001 057
2.9 mm (Y)
16
a loading only
10 8577 048 001 027
10 8577 048 001 051
Straight
46 + 2
fully loaded + ground
10 8577 048 101 025
10 8577 048 101 049
48
a + b + c fully loaded
10 8577 048 002 025
10 8577 048 002 049
32
a + c fully loaded
10 8577 048 002 026
10 8577 048 002 050
16
a + c even loading
10 8577 048 002 033
10 8577 048 002 057
4.5 mm (Y)
16
a loading only
10 8577 048 002 027
10 8577 048 002 051
Straight
46 + 2
fully loaded + ground
10 8577 048 102 025
10 8577 048 102 049
denotes ground pin
48 contacts, rows a + b + c fully loaded
●●●●
●
c
●●●●
●
b
●●●●
●
a
32 contacts, rows a + c fully loaded
●●●●
●
c
✕✕✕✕
✕
b
●●●●
●
a
16 contacts, rows a + c even loading
✕●
✕●
✕
c
✕✕✕✕
✕
b
✕●
✕●
✕
a
16 contacts, row a loading only
✕✕✕✕
✕
c
✕✕✕✕
✕
b
●●●●
●
a
46 + 2 contacts, fully loaded
with ground in A1 & A16
●●●●
●
c
●●●●
●
b
●●●●
●
a
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 16, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
2.84
[0.112]
HOLE PATTERN
For Y dimension
see contact design
E
ROW A
ROW B
GROUND
CONTACT
1
D
F
A EQ SP @ 2.54 [0.100] = B
A EQ SP @ 2.54 [0.100] = B
E
ROW A
ROW C
8.74
[0.344]
2.80
[0.110]
11.0
[0.433]
C
11.0
[0.433]
0.30
[0.012]
0.30
[0.012]
Y
1
ROW B
ROW C
2.54
[0.100]
2.54
[0.100]
5.95
[0.234]
DIA.
DIA.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com