전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

8577 데이터시트(PDF) 1 Page - AVX Corporation

부품명 8577
상세설명  Female Style 1/2 R High Temperature
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVX [AVX Corporation]
홈페이지  http://www.avx.com
Logo AVX - AVX Corporation

8577 데이터시트(HTML) 1 Page - AVX Corporation

  8577 Datasheet HTML 1Page - AVX Corporation 8577 Datasheet HTML 2Page - AVX Corporation 8577 Datasheet HTML 3Page - AVX Corporation 8577 Datasheet HTML 4Page - AVX Corporation 8577 Datasheet HTML 5Page - AVX Corporation 8577 Datasheet HTML 6Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
104
No. Contact
Contact
Positions
Rows
A
B
C
D
E
F
G
48
3 (3 x 16)
15
38.10
53.90
48.26
44.30
8.48
10.50
(1.500)
(2.122)
(1.900)
(1.744) (0.334)
(0.413)
Female Style 1/2 R High Temperature
Series 8577 – 3 rows (3 x 16) Inverted
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
48
a + b + c fully loaded
20 8577 048 002 025
20 8577 048 002 049
32
a + c fully loaded
20 8577 048 002 026
20 8577 048 002 050
0.6 x 0.6 mm Post Profile
16
a + c even loading
20 8577 048 002 033
20 8577 048 002 057
3.0 mm (Y) Right Angled
16
a loading only
20 8577 048 002 027
20 8577 048 002 051
48 contacts, rows a + b + c fully loaded
●●●●
●
c
●●●●
●
b
●●●●
●
a
32 contacts, rows a + c fully loaded
●●●●
●
c
✕✕✕✕
✕
b
●●●●
●
a
16 contacts, rows a + c even loading
✕●
✕●
✕
c
✕✕✕✕
✕
b
✕●
✕●
✕
a
16 contacts, rows a loading only
✕✕✕✕
✕
c
✕✕✕✕
✕
b
●●●●
●
a
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 26, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
C
A EQ SP @ 2.54 [0.100] = B
A EQ SP @ 2.54 [0.100] = B
2.84
[0.112]
For Y dimension see
contact design
ROW A
ROW C
ROW A
ROW B
2.54
[0.100]
2.54
[0.100]
2.54
[0.100]
D
5.31
[0.209]
D
HOLE PATTERN
F
G
E
10.5
[0.413]
Y
ROW C
5.08
[0.200]
5.08
[0.200]
ROW B
1.02
[0.400]
DIA.
DIA.
DIA.
1


유사한 부품 번호 - 8577

제조업체부품명데이터시트상세설명
logo
Filtran LTD
8577 FILTRAN-8577 Datasheet
176Kb / 2P
Chokes Data Communication Circuits
logo
API Technologies Corp
8577 APITECH-8577 Datasheet
1Mb / 2P
Data Communication Circuits
logo
Mallory performance clu...
85773 MALLORY-85773 Datasheet
389Kb / 8P
MSD Pro-Billet Small Diameter Ford V8 Distributor
More results

유사한 설명 - 8577

제조업체부품명데이터시트상세설명
logo
FCI connector
8609XXX8613XX5 FCI-CONNECTOR-8609XXX8613XX5 Datasheet
118Kb / 1P
DIN REVERSE RECEPTACLE(ANGLED SPILL DIN41612 STYLE-R/2)
logo
AVX Corporation
108557096002025 AVX-108557096002025 Datasheet
142Kb / 4P
Male Style 1/2 C High Temperature
logo
FCI connector
86092327624765E1LF FCI-CONNECTOR-86092327624765E1LF Datasheet
92Kb / 1P
STRAIGHT MALE STYLE R/2
logo
Adam Technologies, Inc.
DIN-48FR-S33-A1C2 ADAM-TECH-DIN-48FR-S33-A1C2 Datasheet
104Kb / 1P
DIN TYPE 1/2 R FEMALE
DIN-48FR-S33-A1CX ADAM-TECH-DIN-48FR-S33-A1CX Datasheet
107Kb / 1P
DIN TYPE 1/2 R FEMALE
logo
Rosenberger Hochfrequen...
SLJ12SF-60F60R-X-00 ROSENBERGER-SLJ12SF-60F60R-X-00 Datasheet
541Kb / 2P
1/2??JUMPER 7-16 FEMALE / 7-16 R/A MALE
SLJ12SP-53F53R-X-00 ROSENBERGER-SLJ12SP-53F53R-X-00 Datasheet
551Kb / 2P
1/2" JUMPER N MALE / N R/A FEMALE
logo
AVX Corporation
8457 AVX-8457 Datasheet
362Kb / 12P
Male Style 1/2 B
8477 AVX-8477 Datasheet
422Kb / 14P
Female Style 1/2 Q
8557 AVX-8557 Datasheet
142Kb / 4P
Male Style 1/2 C High Temperature
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com