전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

COP8-SW-NMON 데이터시트(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 COP8-SW-NMON
상세설명  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-SW-NMON 데이터시트(HTML) 19 Page - National Semiconductor (TI)

Back Button COP8-SW-NMON Datasheet HTML 15Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 16Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 17Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 18Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 19Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 20Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 21Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 22Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 83 page
background image
10.0 Functional Description
(Continued)
;options
.endsect
Example: The following sets a value in the Option Register
for a COP8AME9. The Option Register bit values shown
select options: Security disabled, WATCHDOG enabled
HALT mode enabled and execution will commence from
Flash Memory.
.chip
8AME
.sect
option, conf
.db
0x01
;wd, halt, flex
.endsect
...
.end
start
Note: All programmers certified for programming this family
of parts will support programming of the Option Register.
Please contact National or your device programmer supplier
for more information.
10.6 SECURITY
The device has a security feature which, when enabled,
prevents external reading of the Flash program memory. The
security bit in the Option Register determines, whether se-
curity is enabled or disabled. If the security feature is dis-
abled, the contents of the internal Flash Memory may be
read
by
external
programmers
or
by
the
built
in
MICROWIRE/PLUS serial interface ISP. Security must be
enforced by the user when the contents of the Flash
Memory are accessed via the user ISP or Virtual EE-
PROM capability.
If the security feature is enabled, then any attempt to exter-
nally read the contents of the Flash Memory will result in the
value FF (hex) being read from all program locations (except
the Option Register). In addition, with the security feature
enabled, the write operation to the Flash program memory
and Option Register is inhibited. Page Erases are also inhib-
ited when the security feature is enabled. The Option Reg-
ister is readable regardless of the state of the security bit by
accessing location FFFF (hex). Mass Erase Operations are
possible regardless of the state of the security bit.
The security bit can be erased only by a Mass Erase of the
entire contents of the Flash unless Flash operation is under
the control of User ISP functions.
Note: The actual memory address of the Option Register is
1FFF (hex), however the MICROWIRE/PLUS ISP routines
require the address FFFF (hex) to be used to read the
Option Register when the Flash Memory is secured.
The entire Option Register must be programmed at one time
and cannot be rewritten without first erasing the entire last
page of Flash Memory.
10.7 RESET
The device is initialized when the RESET pin is pulled low or
the On-chip Brownout Reset is activated.
The following occurs upon initialization:
Port B: TRI-STATE (High Impedance Input)
Port G: TRI-STATE (High Impedance Input). Exceptions: If
Watchdog is enabled, then G1 is Watchdog output. G0 and
G2 have their weak pull-up enabled during RESET.
Port L: TRI-STATE (High Impedance Input)
PC: CLEARED to 0000
PSW, CNTRL and ICNTRL registers: CLEARED
SIOR:
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
T2CNTRL: CLEARED
T3CNTRL: CLEARED
HSTCR: CLEARED
ITMR: Cleared except Bit 6 (HSON) = 1
Accumulator, Timer 1, Timer 2 and Timer 3:
RANDOM after RESET
WKEN, WKEDG: CLEARED
WKPND: RANDOM
SP (Stack Pointer):
Initialized to RAM address 06F Hex
B and X Pointers:
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
S Register: CLEARED
RAM:
UNAFFECTED after RESET with power already applied
RANDOM after RESET at power-on
USART:
PSR, ENU, ENUR, ENUI: Cleared, except the TBMT bit
which is set to one.
ANALOG TO DIGITAL CONVERTER:
ENAD: CLEARED
ADRSTH: RANDOM
ADRSTL: RANDOM
Op Amp:
AMPTRMN, AMPTRMP: Cleared, except bit6=1
ADGAIN: CLEARED
ISP CONTROL:
ISPADLO: CLEARED
ISPADHI: CLEARED
PGMTIM: PRESET TO VALUE FOR 10 MHz CKI
20006311
FIGURE 7. Reset Logic
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com