전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

COP8-SW-NMON 데이터시트(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 COP8-SW-NMON
상세설명  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-SW-NMON 데이터시트(HTML) 68 Page - National Semiconductor (TI)

Back Button COP8-SW-NMON Datasheet HTML 64Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 65Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 66Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 67Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 68Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 69Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 70Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 71Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 83 page
background image
21.0 Memory Map
All RAM, ports and registers (except A and PC) are mapped
into data memory address space.
Address
Contents
S/ADD REG
0000 to 006F
On-Chip RAM bytes (112 bytes)
0070 to 007F
Unused RAM Address Space (Reads As
All Ones)
xx80 to xx90
Unused RAM Address Space (Reads As
Undefined Data)
xx90 to xx9B
Reserved
xx9C
Programmable Gain Amplifier Offset
Trim Register for N Channel Pair
(AMPTRMN)
xx9D
Programmable Gain Amplifier Offset
Trim Register for P Channel Pair
(AMPTRMP)
xx9E
Reserved
xx9F
Reserved
xxA0 to xxA3
Reserved
xxA4
Port B Data Register
xxA5
Port B Configuration Register
xxA6
Port B Input Pins (Read Only)
xxA7
Reserved for Port B
xxA8
ISP Address Register Low Byte
(ISPADLO)
xxA9
ISP Address Register High Byte
(ISPADHI)
xxAA
ISP Read Data Register (ISPRD)
xxAB
ISP Write Data Register (ISPWR)
xxAC to xxAE
Reserved
xxAF
High Speed Timers Control Register
(HSTCR)
xxB0
Timer T3 Lower Byte
xxB1
Timer T3 Upper Byte
xxB2
Timer T3 Autoload Register T3RA Lower
Byte
xxB3
Timer T3 Autoload Register T3RA Upper
Byte
xxB4
Timer T3 Autoload Register T3RB Lower
Byte
xxB5
Timer T3 Autoload Register T3RB Upper
Byte
xxB6
Timer T3 Control Register
xxB7
Reserved
xxB8
USART Transmit Buffer (TBUF)
xxB9
USART Receive Buffer (RBUF)
xxBA
USART Control and Status Register
(ENU)
xxBB
USART Receive Control and Status
Register (ENUR)
xxBC
USART Interrupt and Clock Source
Register (ENUI)
Address
Contents
S/ADD REG
xxBD
USART Baud Register (BAUD)
xxBE
USART Prescale Select Register (PSR)
xxBF
Reserved
xxC0
Timer T2 Lower Byte
xxC1
Timer T2 Upper Byte
xxC2
Timer T2 Autoload Register T2RA Lower
Byte
xxC3
Timer T2 Autoload Register T2RA Upper
Byte
xxC4
Timer T2 Autoload Register T2RB Lower
Byte
xxC5
Timer T2 Autoload Register T2RB Upper
Byte
xxC6
Timer T2 Control Register
xxC7
WATCHDOG Service Register
(Reg:WDSVR)
xxC8
MIWU Edge Select Register
(Reg:WKEDG)
xxC9
MIWU Enable Register (Reg:WKEN)
xxCA
MIWU Pending Register (Reg:WKPND)
xxCB
A/D Converter Control Register (ENAD)
xxCC
A/D Converter Result Register High Byte
(ADRSTH)
xxCD
A/D Converter Result Register Low Byte
(ADRSTL)
xxCE
A/D Amplifier Gain Register (ADGAIN)
xxCF
Idle Timer Control Register (ITMR)
xxD0
Port L Data Register
xxD1
Port L Configuration Register
xxD2
Port L Input Pins (Read Only)
xxD3
Reserved
xxD4
Port G Data Register
xxD5
Port G Configuration Register
xxD6
Port G Input Pins (Read Only)
xxD7 to xxDF
Reserved
xxE0
Reserved
xxE1
E2 and Flash Memory Write Timing
Register (PGMTIM)
xxE2
ISP Key Register (ISPKEY)
xxE3 to xxE5
Reserved
xxE6
Timer T1 Autoload Register T1RB Lower
Byte
xxE7
Timer T1 Autoload Register T1RB Upper
Byte
xxE8
ICNTRL Register
xxE9
MICROWIRE/PLUS Shift Register
xxEA
Timer T1 Lower Byte
xxEB
Timer T1 Upper Byte
xxEC
Timer T1 Autoload Register T1RA Lower
Byte
www.national.com
68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com