| 전자부품 데이터시트 검색엔진 |
|
PDTC115ES 데이터시트(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC115ES 데이터시트(HTML) 7 Page - NXP Semiconductors |
|
7 / 14 page ![]() 2004 Jul 30 7 Philips Semiconductors Product specification PNP resistor-equipped transistors; R1 = 100 k Ω, R2 = 100 kΩ PDTA115E series UNIT bp cD E e1 HE Lp w v REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE 98-10-23 IEC JEDEC EIAJ mm 0.33 0.23 0.2 0.1 1.7 1.5 0.95 0.75 0.5 e 1.0 1.7 1.5 0.1 0.1 DIMENSIONS (mm are the original dimensions) 0.5 0.3 SOT490 SC-89 bp D e1 e A Lp detail X HE E w M v M A B A B 0 1 2 mm scale A 0.8 0.6 c X 12 3 Plastic surface mounted package; 3 leads SOT490 |