| 전자부품 데이터시트 검색엔진 |
|
PDTC115ES 데이터시트(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC115ES 데이터시트(HTML) 8 Page - NXP Semiconductors |
|
8 / 14 page ![]() 2004 Jul 30 8 Philips Semiconductors Product specification PNP resistor-equipped transistors; R1 = 100 k Ω, R2 = 100 kΩ PDTA115E series UNIT A1 bp cD E e1 HE Lp Qw v REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC EIAJ mm 0.50 0.35 0.26 0.10 3.1 2.7 1.7 1.3 0.95 e 1.9 3.0 2.5 0.33 0.23 0.2 0.2 DIMENSIONS (mm are the original dimensions) 0.6 0.2 SOT346 TO-236 SC-59 bp D e1 e A A1 Lp Q detail X HE E w M v M A B A B 0 1 2 mm scale A 1.3 1.0 0.1 0.013 c X 12 3 Plastic surface mounted package; 3 leads SOT346 98-07-17 |