전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP6503A 데이터시트(PDF) 6 Page - Diodes Incorporated

부품명 AP6503A
상세설명  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6503A 데이터시트(HTML) 6 Page - Diodes Incorporated

Back Button AP6503A Datasheet HTML 2Page - Diodes Incorporated AP6503A Datasheet HTML 3Page - Diodes Incorporated AP6503A Datasheet HTML 4Page - Diodes Incorporated AP6503A Datasheet HTML 5Page - Diodes Incorporated AP6503A Datasheet HTML 6Page - Diodes Incorporated AP6503A Datasheet HTML 7Page - Diodes Incorporated AP6503A Datasheet HTML 8Page - Diodes Incorporated AP6503A Datasheet HTML 9Page - Diodes Incorporated AP6503A Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AP6503A
Document number: DS36000 Rev. 4 - 2
6 of 15
www.diodes.com
March 2017
© Diodes Incorporated
AP6503A
Typical Performance Graphs (Cont.) (VIN = 12V, VOUT = 3.3V, TA = +25°C, unless otherwise specified.)
40
50
60
70
80
90
100
0.2
0.6
1
1.4
LOAD CURRENT (A)
Efficiency vs. Load Current
1.8
2.2
2.6
3
E
F
F
I
C
I
E
N
C
Y
(
%
)
V
= 12V
V
= 5V
L = 10µH
IN
OUT
40
45
50
55
60
65
70
75
80
85
90
LOAD CURRENT (A)
Efficiency vs. Load Current
E
F
F
I
C
I
E
N
C
Y
(
%
)
V
= 12V
IN
V
= 5V
IN
V
= 1.8V
L = 3.3µH
OUT
40
45
50
55
60
65
70
75
80
85
90
LOAD CURRENT (A)
Efficiency vs. Load Current
E
F
F
I
C
I
E
N
C
Y
(
%
)
V
= 12V
IN
V
= 5V
IN
V
= 1.2V
L = 3.3µH
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com