전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M36LLR876B0 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 M36LLR876B0
상세설명  256 128 Mbit (Multiple Bank, Multi-Level, Burst) Flash Memory 64 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36LLR876B0 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button M36LLR876B0 Datasheet HTML 5Page - STMicroelectronics M36LLR876B0 Datasheet HTML 6Page - STMicroelectronics M36LLR876B0 Datasheet HTML 7Page - STMicroelectronics M36LLR876B0 Datasheet HTML 8Page - STMicroelectronics M36LLR876B0 Datasheet HTML 9Page - STMicroelectronics M36LLR876B0 Datasheet HTML 10Page - STMicroelectronics M36LLR876B0 Datasheet HTML 11Page - STMicroelectronics M36LLR876B0 Datasheet HTML 12Page - STMicroelectronics M36LLR876B0 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9/19
M36LLR8760T1, M36LLR8760D1, M36LLR8760M1, M36LLR8760B1
FUNCTIONAL DESCRIPTION
The PSRAM and Flash memory components have
separate power supplies but share the same
grounds. They are distinguished by three Chip En-
able inputs: EF1 and EF2 for Flash 1 and Flash 2,
respectively, and EP for the PSRAM.
Recommended operating conditions do not allow
more than one device to be active at a time. The
most common example is simultaneous read oper-
ations on one of the Flash memories and the
PSRAM which would result in a data bus conten-
tion. Therefore it is recommended to put the other
devices in the high impedance state when reading
the selected device.
Figure 4. Functional Block Diagram
AI10909b
EP
CRP
GP
WP
DQ0-DQ15
VPPF
A0-A21
A23
64 Mbit
PSRAM
UBP
LBP
WAIT
K
VDDQF
VSS
Flash 2
128 Mbit
Flash
Memory
VDDF2
VCCP
L
RPF
WPF
WF
Flash 1
256 Mbit
Flash
Memory
VDDF1
EF1
GF1
EF2
GF2
A22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19