전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT5261 데이터시트(PDF) 12 Page - Catalyst Semiconductor

부품명 CAT5261
상세설명  Dual Digitally Programmable Potentiometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CATALYST [Catalyst Semiconductor]
홈페이지  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5261 데이터시트(HTML) 12 Page - Catalyst Semiconductor

Back Button CAT5261 Datasheet HTML 7Page - Catalyst Semiconductor CAT5261 Datasheet HTML 8Page - Catalyst Semiconductor CAT5261 Datasheet HTML 9Page - Catalyst Semiconductor CAT5261 Datasheet HTML 10Page - Catalyst Semiconductor CAT5261 Datasheet HTML 11Page - Catalyst Semiconductor CAT5261 Datasheet HTML 12Page - Catalyst Semiconductor CAT5261 Datasheet HTML 13Page - Catalyst Semiconductor CAT5261 Datasheet HTML 14Page - Catalyst Semiconductor CAT5261 Datasheet HTML 15Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
CAT5261
Document No. 2122, Rev. B
DEVICE ADDRESSES
INSTRUCTION
DATA
0
1 0 1 0
0
A A 0 0 1 0 0 0 P P I/D I/D
I/D I/D
1 0
1 0
CS
CS
Global Transfer Wiper Control Register (WCR) to Data Register (DR)
INSTRUCTION FORMAT (continued)
Transfer Wiper Control Register (WCR) to Data Register (DR)
Transfer Data Register (DR) to Wiper Control Register (WCR)
Notes:
(1) Any write or transfer to the Non-volatile Data Registers is followed by a high voltage cycle after a STOP has been issued.
Global Transfer Data Register (DR) to Wiper Control Register (WCR)
Increment (I)/Decrement (D) Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
0
1 0 1 0
0 A A 0 0
0 1 R R 0 0
10
1 0
CS
CS
DEVICE ADDRESSES
INSTRUCTION
0
1 0 1 0
0 A A 1 0
0 0 R R 0 0
10
1 0
CS
CS
DEVICE ADDRESSES
INSTRUCTION
0
1 0 1 0
0 A A 1 1 1 0 R R P P
10
1 0 1 0
CS
CS
DEVICE ADDRESSES
INSTRUCTION
0
1 0 1 0
0 A A 1 1
0 1 R R P P
10
1 0 1 0
CS
CS
• • •
High Voltage
Write Cycle
High Voltage
Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com