| 전자부품 데이터시트 검색엔진 |
|
CS5461 데이터시트(PDF) 16 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5461 데이터시트(HTML) 16 Page - Cirrus Logic |
|
16 / 46 page ![]() CS5461 16 DS546PP2 Note that until the CS5461 is calibrated (see Cali- bration) the accuracy of the CS5461 (with respect to a reference line-voltage and line-current level on the power mains) is not guaranteed to within ± 0.1%. But the linearity of any given sample of CS5461, before calibration, will be within ±0.1% of reading over the ranges specified, with respect to the input voltage levels required to cause full-scale readings in the Irms/Vrms Registers. Table 1 de- scribes linearity + variation specs after the comple- tion of each successive computation cycle. The accuracy of the internal calculations can often be improved by selecting a value for the Cy- cle-Count Register that will cause the time duration of one computation cycle to be equal (or very close to) a whole-number of power-line cycles (and N must be greater than or equal to 4000). For exam- ple, with the cycle count set to 4200, the ±0.1% of reading linearity range for measurement of a 60 Hz sinusoidal current-sense voltage signal can be in- creased beyond the range of 0.2% - 70.7%. The lin- earity range can be increased because (4200 samples / 60 Hz) is a whole number of cycles (70). |