전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BMP180 데이터시트(PDF) 9 Page - Bosch Sensortec GmbH

부품명 BMP180
상세설명  Digital pressure sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOSCH [Bosch Sensortec GmbH]
홈페이지  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP180 데이터시트(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMP180 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP180 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Data sheet
BMP180
Page 9
BST-BMP180-DS000-12 | Revision 2.8 | May 2015
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
3. Operation
3.1 General description
The BMP180 is designed to be connected directly to a microcontroller of a mobile device via the I2C
bus. The pressure and temperature data has to be compensated by the calibration data of the
E2PROM of the BMP180.
3.2 General function and application schematics
The BMP180 consists of a piezo-resistive sensor, an analog to digital converter and a control unit
with E2PROM and a serial I2C interface. The BMP180 delivers the uncompensated value of pressure
and temperature. The E2PROM has stored 176 bit of individual calibration data. This is used to
compensate offset, temperature dependence and other parameters of the sensor.
 UP = pressure data (16 to 19 bit)
 UT = temperature data (16 bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29