전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC89LE51RC 데이터시트(PDF) 45 Page - STCmicro Technology Co,.Ltd

부품명 STC89LE51RC
상세설명  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STC [STCmicro Technology Co,.Ltd]
홈페이지  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC 데이터시트(HTML) 45 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 41Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 42Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 43Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 44Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 45Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 46Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 47Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 48Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 49Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 165 page
background image
ANL A,#data
Bytes:
2
Cycles:
1
Encoding:
0 1 0 1
0 1 0 0
immediate data
Operation:
ANL
(A)←(A)
←(A)
(A)
#data
ANL direct,A
Bytes:
2
Cycles:
1
Encoding:
0 1 0 1
0 0 1 0
direct address
Operation:
ANL
(direct)←(direct)
←(direct)
(direct)
(A)
ANL direct,#data
Bytes:
3
Cycles:
2
Encoding:
0 1 0 1
0 0 1 1
direct address
immediate data
Operation:
ANL
(direct)←(direct)
←(direct)
(direct)
#data
ANL
C , <src-bit>
Function:
Logical-AND for bit variables
Description:
If the Boolean value of the source bit is a logical 0 then clear the carry flag; otherwise
leave the carry flag in its current state. A slash (“ / ”) preceding the operand in the assembly
language indicates that the logical complement of the addressed bit is used as the source
value, but the source bit itself is not affceted. No other flsgs are affected.
Only direct addressing is allowed for the source operand.
Example:
Set the carry flag if, and only if, P1.0 = 1, ACC. 7 = 1, and OV = 0:
MOV C, P1.0
;LOAD CARRY WITH INPUT PIN STATE
ANL C, ACC.7
;AND CARRY WITH ACCUM. BIT.7
ANL C, /OV
;AND WITH INVERSE OF OVERFLOW FLAG
ANL C,bit
Bytes:
2
Cycles:
2
Encoding:
1 0 0 0
0 0 1 0
bit address
Operation:
ANL
(C) ← (C)
← (C)
(C)
(bit)
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More