전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC89LE51RC 데이터시트(PDF) 70 Page - STCmicro Technology Co,.Ltd

부품명 STC89LE51RC
상세설명  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STC [STCmicro Technology Co,.Ltd]
홈페이지  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE51RC 데이터시트(HTML) 70 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE51RC Datasheet HTML 66Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 67Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 68Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 69Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 70Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 71Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 72Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 73Page - STCmicro Technology Co,.Ltd STC89LE51RC Datasheet HTML 74Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 165 page
background image
PUSH direct
Function:
Push onto stack
Description:
The Stack Pointer is incremented by one. The contents of the indicated variableis then copied
into the internal RAM location addressed by the Stack Pointer. Otherwise no flags are
affected.
Example:
On entering interrupt routine the Stack Pointer contains 09H. The Data Pointer holds the
value 0123H. The instruction sequence,
PUSH
DPL
PUSH
DPH
will leave the Stack Pointer set to 0BH and store 23H and 01H in internal RAM locations
0AH and 0BH, respectively.
Bytes:
2
Cycles:
2
Encoding:
1 1 0 0
0 0 0 0
direct address
Operation:
PUSH
(SP) ← (SP)+1
← (SP)+1
(SP) + 1
((SP)) ← (direct)
← (direct)
(direct)
RET
Function:
Return from subroutine
Description:
RET pops the high-and low-order bytes of the PC successively from the stack, decrementing
the Stack Pointer by two. Program execution continues at the resulting address, generally the
instruction immediately following an ACALL or LCALL. No flags are affected.
Example:
The Stack Pointer originally contains the value 0BH. Internal RAM locations 0AH and 0BH
contain the values 23H and 01H, respectively. The instruction,
RET
will leave the Stack Pointer equal to the value 09H. Program execution will continue at
location 0123H.
Bytes:
1
Cycles:
2
Encoding:
0 0 1 0
0 0 1 0
Operation:
RET
(PC
15-8) ← ((SP))
← ((SP))
((SP))
(SP) ← (SP) -1
← (SP) -1
(SP) -1
(PC
7-0) ← ((SP))
← ((SP))
((SP))
(SP) ← (SP) -1
← (SP) -1
(SP) -1
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More